Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2907 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2907
Description  Frequency to Voltage Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2907 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2907 Datasheet HTML 1Page - National Semiconductor (TI) LM2907 Datasheet HTML 2Page - National Semiconductor (TI) LM2907 Datasheet HTML 3Page - National Semiconductor (TI) LM2907 Datasheet HTML 4Page - National Semiconductor (TI) LM2907 Datasheet HTML 5Page - National Semiconductor (TI) LM2907 Datasheet HTML 6Page - National Semiconductor (TI) LM2907 Datasheet HTML 7Page - National Semiconductor (TI) LM2907 Datasheet HTML 8Page - National Semiconductor (TI) LM2907 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Electrical Characteristics (Continued)
Note 5: Nonlinearity is defined as the deviation of VOUT (@ pin 3) for fIN = 5 kHz from a straight line defined by the VOUT @ 1 kHz and VOUT @ 10 kHz. C1 = 1000 pF,
R1 = 68k and C2 = 0.22 mFd.
Test Circuit and Waveform
00794206
Tachometer Input Threshold Measurement
00794207
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com