Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2907 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2907
Description  Frequency to Voltage Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2907 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2907 Datasheet HTML 1Page - National Semiconductor (TI) LM2907 Datasheet HTML 2Page - National Semiconductor (TI) LM2907 Datasheet HTML 3Page - National Semiconductor (TI) LM2907 Datasheet HTML 4Page - National Semiconductor (TI) LM2907 Datasheet HTML 5Page - National Semiconductor (TI) LM2907 Datasheet HTML 6Page - National Semiconductor (TI) LM2907 Datasheet HTML 7Page - National Semiconductor (TI) LM2907 Datasheet HTML 8Page - National Semiconductor (TI) LM2907 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LM2907/LM2917
Frequency to Voltage Converter
General Description
The LM2907, LM2917 series are monolithic frequency to
voltage converters with a high gain op amp/comparator de-
signed to operate a relay, lamp, or other load when the input
frequency reaches or exceeds a selected rate. The tachom-
eter uses a charge pump technique and offers frequency
doubling for low ripple, full input protection in two versions
(LM2907-8, LM2917-8) and its output swings to ground for a
zero frequency input.
The op amp/comparator is fully compatible with the tachom-
eter and has a floating transistor as its output. This feature
allows either a ground or supply referred load of up to 50 mA.
The collector may be taken above V
CC up to a maximum VCE
of 28V.
The two basic configurations offered include an 8-pin device
with a ground referenced tachometer input and an internal
connection between the tachometer output and the op amp
non-inverting input. This version is well suited for single
speed or frequency switching or fully buffered frequency to
voltage conversion applications.
The more versatile configurations provide differential ta-
chometer input and uncommitted op amp inputs. With this
version the tachometer input may be floated and the op amp
becomes suitable for active filter conditioning of the tachom-
eter output.
Both of these configurations are available with an active
shunt regulator connected across the power leads. The
regulator clamps the supply such that stable frequency to
voltage and frequency to current operations are possible
with any supply voltage and a suitable resistor.
Advantages
n
Output swings to ground for zero frequency input
n
Easy to use; V
OUT =fIN xVCC xR1xC1
n
Only one RC network provides frequency doubling
n
Zener regulator on chip allows accurate and stable
frequency to voltage or current conversion (LM2917)
Features
n
Ground referenced tachometer input interfaces directly
with variable reluctance magnetic pickups
n
Op amp/comparator has floating transistor output
n
50 mA sink or source to operate relays, solenoids,
meters, or LEDs
n
Frequency doubling for low ripple
n
Tachometer has built-in hysteresis with either differential
input or ground referenced input
n
Built-in zener on LM2917
n ±
0.3% linearity typical
n
Ground referenced tachometer is fully protected from
damage due to swings above V
CC and below ground
Applications
n
Over/under speed sensing
n
Frequency to voltage conversion (tachometer)
n
Speedometers
n
Breaker point dwell meters
n
Hand-held tachometer
n
Speed governors
n
Cruise control
n
Automotive door lock control
n
Clutch control
n
Horn control
n
Touch or sound switches
Block and Connection Diagrams
Dual-In-Line and Small Outline Packages, Top Views
00794201
Order Number LM2907M-8 or LM2907N-8
See NS Package Number M08A or N08E
00794202
Order Number LM2917M-8 or LM2917N-8
See NS Package Number M08A or N08E
May 2003
© 2003 National Semiconductor Corporation
DS007942
www.national.com


Similar Part No. - LM2907

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2907 NSC-LM2907 Datasheet
326Kb / 18P
Frequency to Voltage Converter
logo
Texas Instruments
LM2907 TI2-LM2907 Datasheet
4Mb / 44P
LM2907 and LM2917 Frequency to Voltage Converter
REVISED DECEMBER 2016
LM2907-N TI1-LM2907-N Datasheet
535Kb / 24P
LM2907/LM2917 Frequency to Voltage Converter
LM2907-N TI-LM2907-N Datasheet
2Mb / 32P
LM2907/LM2917 Frequency to Voltage Converter
LM2907-N TI1-LM2907-N Datasheet
2Mb / 31P
Frequency to Voltage Converter
More results

Similar Description - LM2907

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD650 AD-AD650 Datasheet
284Kb / 12P
Voltage-to-Frequency and Frequency-to-Voltage Converter
ADVFC32 AD-ADVFC32 Datasheet
141Kb / 6P
Voltage-to-Frequency and Frequency-to-Voltage Converter
REV.A
logo
Burr-Brown (TI)
VFC32 BURR-BROWN-VFC32 Datasheet
76Kb / 7P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
VFC320 BURR-BROWN-VFC320 Datasheet
122Kb / 9P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Microchip Technology
AN795 MICROCHIP-AN795 Datasheet
280Kb / 15P
Voltage-to-Frequency/Frequency-to-Voltage Converter
2002
logo
Texas Instruments
VFC32 TI1-VFC32 Datasheet
411Kb / 11P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_15 Datasheet
392Kb / 20P
Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. E
ADVFC32 AD-ADVFC32_15 Datasheet
345Kb / 6P
Voltage-to-Frequency and Frequency-to-Voltage Converter
Rev. B
AD650 AD-AD650_17 Datasheet
449Kb / 21P
Voltage-to-Frequency and Frequency-to-Voltage Converter
23-Feb-2017
ADVFC32 AD-ADVFC32_17 Datasheet
375Kb / 7P
Voltage-to-Frequency and Frequency-to-Voltage Converter
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com