Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL318X Datasheet(PDF) 74 Page - STMicroelectronics

Part # STM8AL318X
Description  Automotive 8-bit ultra-low-power MCU, 64 Kbyte Flash, RTC, LCD, data EEPROM, timers, USARTs, I2C, SPIs, ADC, DAC, COMPs
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL318X Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STM8AL318X Datasheet HTML 70Page - STMicroelectronics STM8AL318X Datasheet HTML 71Page - STMicroelectronics STM8AL318X Datasheet HTML 72Page - STMicroelectronics STM8AL318X Datasheet HTML 73Page - STMicroelectronics STM8AL318X Datasheet HTML 74Page - STMicroelectronics STM8AL318X Datasheet HTML 75Page - STMicroelectronics STM8AL318X Datasheet HTML 76Page - STMicroelectronics STM8AL318X Datasheet HTML 77Page - STMicroelectronics STM8AL318X Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 131 page
background image
Electrical parameters
STM8AL318x STM8AL3L8x
74/131
DocID027179 Rev 6
In the following table, data are based on characterization results, unless otherwise
specified.
Table 22. Total current consumption in Wait mode
Symbol Parameter
Conditions(1)
Typ
Max
Unit
IDD(Wait)
Supply
current in
Wait mode
CPU not
clocked, all
peripherals
OFF, code
executed from
RAM with
Flash in IDDQ
mode,(2) VDD
from 1.65 V to
3.6 V
HSI
fCPU = 125 kHz
0.35
0.45(4)
mA
fCPU = 1 MHz
0.35
0.50(4)
fCPU = 4 MHz
0.40
0.60(4)
fCPU = 8 MHz
0.50
0.60(4)
fCPU = 16 MHz
0.70
0.85
HSE external clock
(fCPU=fHSE)(3)
fCPU = 125 kHz
0.05
0.10(4)
fCPU = 1 MHz
0.10
0.20(4)
fCPU = 4 MHz
0.20
0.40(4)
fCPU = 8 MHz
0.40
0.65(4)
fCPU = 16 MHz
0.76
1.15(4)
LSI
fCPU = fLSI
60
80(4)
µA
LSE(5) external
clock (32.768 kHz)
fCPU = fLSE
50
70(4)
IDD(Wait)
Supply
current in
Wait mode
CPU not
clocked, all
peripherals
OFF, code
executed from
Flash, VDD
from 1.65 V to
3.6 V
HSI
fCPU = 125 kHz
0.38
0.55(4)
mA
fCPU = 1 MHz
0.40
0.60(4)
fCPU = 4 MHz
0.50
0.65(4)
fCPU = 8 MHz
0.60
0.75(4)
fCPU = 16 MHz
0.80
0.90
HSE(3) external
clock (fCPU= HSE)
fCPU = 125 kHz
0.07
0.15(4)
fCPU = 1 MHz
0.10
0.20(4)
fCPU = 4 MHz
0.25
0.45(4)
fCPU = 8 MHz
0.50
0.65(4)
fCPU = 16 MHz
1.00
1.20(4)
LSI
fCPU = fLSI
50
100(4)
µA
LSE(5) external
clock (32.768 kHz)
fCPU = fLSE
50
80(4)
1. All peripherals OFF, VDD from 1.65 V to 3.6 V, HSI internal RC osc., fCPU = fSYSCLK
2. Flash is configured in IDDQ mode in Wait mode by setting the EPM or WAITM bit in the Flash_CR1 register.
3. Oscillator bypassed (HSEBYP = 1 in CLK_ECKCR). When configured for external crystal, the HSE consumption
(IDD HSE) must be added. Refer to Table 32.
4. Guaranteed by characterization results.
5. Oscillator bypassed (LSEBYP = 1 in CLK_ECKCR). When configured for external crystal, the LSE consumption
(IDD HSE) must be added. Refer to Table 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com