Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL318X Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM8AL318X
Description  Automotive 8-bit ultra-low-power MCU, 64 Kbyte Flash, RTC, LCD, data EEPROM, timers, USARTs, I2C, SPIs, ADC, DAC, COMPs
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL318X Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM8AL318X Datasheet HTML 17Page - STMicroelectronics STM8AL318X Datasheet HTML 18Page - STMicroelectronics STM8AL318X Datasheet HTML 19Page - STMicroelectronics STM8AL318X Datasheet HTML 20Page - STMicroelectronics STM8AL318X Datasheet HTML 21Page - STMicroelectronics STM8AL318X Datasheet HTML 22Page - STMicroelectronics STM8AL318X Datasheet HTML 23Page - STMicroelectronics STM8AL318X Datasheet HTML 24Page - STMicroelectronics STM8AL318X Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 131 page
background image
DocID027179 Rev 6
21/131
STM8AL318x STM8AL3L8x
Functional overview
60
3.9
Analog-to-digital converter
12-bit analog-to-digital converter (ADC1) with 28 channels (including 4 fast channel),
temperature sensor and internal reference voltage
Conversion time down to 1 µs with fSYSCLK= 16 MHz
Programmable resolution
Programmable sampling time
Single and continuous mode of conversion
Scan capability: automatic conversion performed on a selected group of analog inputs
Analog watchdog: interrupt generation when the converted voltage is outside the
programmed threshold
Triggered by timer
Note:
ADC1 can be served by DMA1.
3.10
Digital-to-analog converter
12-bit DAC with 2 buffered outputs (two digital signals are converted into two analog
voltage signal outputs)
Synchronized update capability using timers
DMA capability for each channel
External triggers for conversion
Noise-wave generation
Triangular-wave generation
Dual DAC channels with independent or simultaneous conversions
Input reference voltage VREF+ for better resolution
Note:
DAC can be served by DMA1.
3.11
Ultra-low-power comparators
The high-density STM8AL3x8x devices embed two comparators (COMP1 and COMP2)
sharing the same current bias and voltage reference. The voltage reference is an internal or
external (coming from an I/O).
One comparator with fixed threshold (COMP1).
One comparator rail to rail with fast or slow mode (COMP2). The threshold is one of the
following:
DAC output
External I/O
Internal reference voltage or internal reference voltage submultiple (1/4, 1/2, 3/4)
The two comparators are usable together to offer a window function. They wake up from
Halt mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com