Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F401RB Datasheet(PDF) 90 Page - STMicroelectronics

Part # STM32F401RB
Description  ARM Cortex-M4 32b MCUFPU, 105 DMIPS, 256KB Flash/64KB RAM, 11 TIMs, 1 ADC, 11 comm. interfaces
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F401RB Datasheet(HTML) 90 Page - STMicroelectronics

Back Button STM32F401RB Datasheet HTML 86Page - STMicroelectronics STM32F401RB Datasheet HTML 87Page - STMicroelectronics STM32F401RB Datasheet HTML 88Page - STMicroelectronics STM32F401RB Datasheet HTML 89Page - STMicroelectronics STM32F401RB Datasheet HTML 90Page - STMicroelectronics STM32F401RB Datasheet HTML 91Page - STMicroelectronics STM32F401RB Datasheet HTML 92Page - STMicroelectronics STM32F401RB Datasheet HTML 93Page - STMicroelectronics STM32F401RB Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 135 page
background image
DocID024738 Rev 6
90/135
STM32F401xB STM32F401xC
Electrical characteristics
113
All I/Os are CMOS and TTL compliant (no software configuration required). Their
characteristics cover more than the strict CMOS-technology or TTL parameters. The
coverage of these requirements for FT I/Os is shown in Figure 30.
VHYS
FT and NRST I/O input
hysteresis
1.7 V≤VDD≤3.6 V
-
10%
VDD(3)
-V
BOOT0 I/O input hysteresis
1.75 V≤VDD ≤3.6 V,
-40 °C≤TA ≤105 °C
-100
-
mV
1.7 V≤VDD ≤3.6 V,
0°C≤TA ≤105 °C
Ilkg
I/O input leakage current (4)
VSS ≤VIN ≤VDD
--
±1
µA
I/O FT input leakage current (5)
VIN = 5V
-
-
3
RPU
Weak pull-up
equivalent
resistor(6)
All pins
except for
PA10
(OTG_FS_ID
)
VIN = VSS
30
40
50
k
Ω
PA10
(OTG_FS_ID
)
710
14
RPD
Weak pull-down
equivalent
resistor(7)
All pins
except for
PA10
(OTG_FS_ID
)
VIN = VDD
30
40
50
PA10
(OTG_FS_ID
)
710
14
CIO(8) I/O pin capacitance
-
-
5
-
pF
1. Guaranteed by design.
2. Guaranteed by test in production.
3. With a minimum of 200 mV.
4. Leakage could be higher than the maximum value, if negative current is injected on adjacent pins, Refer to Table 53: I/O
current injection susceptibility
5. To sustain a voltage higher than VDD +0.3 V, the internal pull-up/pull-down resistors must be disabled. Leakage could be
higher than the maximum value, if negative current is injected on adjacent pins.Refer to Table 53: I/O current injection
susceptibility
6. Pull-up resistors are designed with a true resistance in series with a switchable PMOS. This PMOS contribution to the
series resistance is minimum (~10% order).
7. Pull-down resistors are designed with a true resistance in series with a switchable NMOS. This NMOS contribution to the
series resistance is minimum (~10% order).
8.
Hysteresis voltage between Schmitt trigger switching levels. Guaranteed by characterization.
Table 54. I/O static characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com