Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RES-CS5 Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # RES-CS5
Description  Frequency converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

RES-CS5 Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  RES-CS5 Datasheet HTML 1Page - Ohmite Mfg. Co. RES-CS5 Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
41
CS5 Series
High Power Precision Current Sense
Temperature Range -25℃~+150℃
Insulation Resistance 20MΩ min. at DC500V
Temp. Coefficient 30ppm/℃ max.
Dielectric Withstanding
Voltage
AV 1500V for 1 minute
Test Method
Max. ∆R
Load Life (1,000 hours at rated power at 70°C) 1.0%+0.05Ω max.
Short Time Overload (Mil-Std-202, Method 106, Cond. A)
0.5%+0.05Ω max.
Stability (Mil-Std-202, Method 107)
0.1%+0.05Ω max.
Derating
Surface Temperature Increase Versus Power Load
The CS5 is a high power precision cur-
rent sensing resistor designed with four
terminals. This resistor series is distin-
guished by excellent long term stability
& TCR. The Kelvin connections allow
high precision measurements even with
low resistance values. The CS5 series
has a non-inductive copper manganin
element inserted into a cement sealed
ceramic case.
Fea ture S
•Valuesbeginningatone
miliohm
•NonInductiveDesign
•FourterminalKelvin
connection
Chara C teri S ti CS
(continued)
Series
Power Rating (W)* Resistance Range (mΩ) Resistance Tolerance (%) TCR (ppm/°C)
CS5
5W
1m, 2m, 3m, 4m
±0.5, ±1
±30ppm/℃
* Max.current 60A at 1mΩ
Serie S S pe C i F i C ation S
% Rated Power
0
20
40
60
80
100
40
0
60
80
100
20
Terminal Temperature, °C
160
150°
0 20 40 60 80° 100 120 140
40
0
60
80
120
20
100
a ppli C a tion S
•Powermodules
•Frequencyconverters
•Switchmodepowersupplies


Similar Part No. - RES-CS5

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RES-CS3 OHMITE-RES-CS3 Datasheet
328Kb / 2P
Values beginning at 1 miliohm
More results

Similar Description - RES-CS5

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC9400 TELCOM-TC9400 Datasheet
154Kb / 13P
VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Microchip Technology
TC9400 MICROCHIP-TC9400 Datasheet
504Kb / 20P
Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
logo
Fairchild Semiconductor
RC4152 FAIRCHILD-RC4152 Datasheet
75Kb / 12P
Voltage-to-Frequency Converters
logo
EPCOS
B43456A4158M000 EPCOS-B43456A4158M000 Datasheet
181Kb / 9P
Frequency converters
B43564A4108M000 EPCOS-B43564A4108M000 Datasheet
191Kb / 10P
Frequency converters
logo
Microchip Technology
TC9400 MICROCHIP-TC9400_06 Datasheet
691Kb / 24P
Voltage-to-Frequency/Frequency-to-Voltage Converters
2006
logo
Texas Instruments
LM2917P TI1-LM2917P Datasheet
96Kb / 7P
FREQUENCY-TO-VOLTAGE CONVERTERS
logo
International Rectifier
IRF7452PBF IRF-IRF7452PBF_15 Datasheet
284Kb / 8P
HIGH FREQUENCY DC-DC CONVERTERS
logo
Ohmite Mfg. Co.
RES-EBW OHMITE-RES-EBW Datasheet
480Kb / 2P
Frequency converters
logo
Nova Electric. All Righ...
GHFC1K50 NOVA-GHFC1K50 Datasheet
537Kb / 2P
SOLID-STATE FREQUENCY CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com