Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RES-CS5 Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # RES-CS5
Description  Frequency converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

RES-CS5 Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  RES-CS5 Datasheet HTML 1Page - Ohmite Mfg. Co. RES-CS5 Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
42
Standard part numbers
for CS5 series
CS5 Series
High Power Precision Current Sensing
Dimen S ion S
(mm/in.)
or D erin G in F ormation
8.5mm ±1
0.33" ±0.04
38mm ±1
1.50" ±0.04
17.5mm ±.2
0.69" ±0.01
27.5mm ±.4
1.08" ±0.02
23.2mm ±1
0.91" ±0.04
5mm ±.2
0.20" ±0.01
5mm ±.2
0.20" ±0.01
1.5mm +.2/-.1
0.06" +.01/-.004
CS5FR001E
Series
Tolerance
D = 0.5%
F = 1%
Resistance
Wattage
RoHS compliant
1%
CS5FR001E
CS5FR002E
CS5FR003E
CS5FR004E
0.5%
CS5DR001E
CS5DR002E
CS5DR003E
CS5DR004E



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com