Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F412CE Datasheet(PDF) 96 Page - STMicroelectronics

Part # STM32F412CE
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412CE Datasheet(HTML) 96 Page - STMicroelectronics

Back Button STM32F412CE Datasheet HTML 92Page - STMicroelectronics STM32F412CE Datasheet HTML 93Page - STMicroelectronics STM32F412CE Datasheet HTML 94Page - STMicroelectronics STM32F412CE Datasheet HTML 95Page - STMicroelectronics STM32F412CE Datasheet HTML 96Page - STMicroelectronics STM32F412CE Datasheet HTML 97Page - STMicroelectronics STM32F412CE Datasheet HTML 98Page - STMicroelectronics STM32F412CE Datasheet HTML 99Page - STMicroelectronics STM32F412CE Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 193 page
background image
Electrical characteristics
STM32F412xE/G
96/193
DocID028087 Rev 4
Table 35. Switching output I/O current consumption
Symbol
Parameter
Conditions(1)
1. CS is the PCB board capacitance including the pad pin. CS = 7 pF (estimated value).
I/O toggling
frequency (fSW)
Typ
Unit
IDDIO
I/O switching
current
VDD = 3.3 V
C = CINT
2 MHz
0.05
mA
8 MHz
0.15
25 MHz
0.45
50 MHz
0.85
60 MHz
1.00
84 MHz
1.40
90 MHz
1.67
VDD = 3.3 V
CEXT = 0 pF
C = CINT + CEXT + CS
2 MHz
0.10
8 MHz
0.35
25 MHz
1.05
50 MHz
2.20
60 MHz
2.40
84 MHz
3.55
90 MHz
4.23
VDD = 3.3 V
CEXT =10 pF
C = CINT + CEXT + CS
2 MHz
0.20
8 MHz
0.65
25 MHz
1.85
50 MHz
2.45
60 MHz
4.70
84 MHz
8.80
90 MHz
10.47
VDD = 3.3 V
CEXT = 22 pF
C = CINT + CEXT + CS
2 MHz
0.25
8 MHz
1.00
25 MHz
3.45
50 MHz
7.15
60 MHz
11.55
VDD = 3.3 V
CEXT = 33 pF
C = CINT + CEXT + CS
2 MHz
0.32
8 MHz
1.27
25 MHz
3.88
50 MHz
12.34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com