Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F412CE Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM32F412CE
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412CE Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM32F412CE Datasheet HTML 11Page - STMicroelectronics STM32F412CE Datasheet HTML 12Page - STMicroelectronics STM32F412CE Datasheet HTML 13Page - STMicroelectronics STM32F412CE Datasheet HTML 14Page - STMicroelectronics STM32F412CE Datasheet HTML 15Page - STMicroelectronics STM32F412CE Datasheet HTML 16Page - STMicroelectronics STM32F412CE Datasheet HTML 17Page - STMicroelectronics STM32F412CE Datasheet HTML 18Page - STMicroelectronics STM32F412CE Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 193 page
background image
DocID028087 Rev 4
15/193
STM32F412xE/G
Description
42
Table 2. STM32F412xE/G features and peripheral counts
Peripherals
STM32F412xE
STM32F412xG
Flash memory (Kbyte)
512
1024
SRAM
(Kbyte)
System
256
FSMC memory controller
-
1
-
1
Quad-SPI memory
interface
-1-
1
Timers
General-
purpose
10
Advanced-
control
2
Basic
2
Random number generator
1
Comm.
interfaces
SPI/ I2S
5/5 (2 full duplex)
I2C3
I2CFMP
1
USART
3
4
3
4
SDIO/MMC
1
USB/OTG FS
Dual power rail
1
No
1
Yes
1
No
1
Yes
CAN
2
Number of digital Filters for
Sigma-delta modulator
Number of channels
2
3
2
4
2
3
2
4
LCD parallel interface
Data bus size
-
8
16
-
8
16
GPIOs
36
50
81
114
36
50
81
114
12-bit ADC
Number of channels
1
10
16
10
16
Maximum CPU frequency
100 MHz
Operating voltage
1.7 to 3.6 V
Operating temperatures
Ambient temperatures: –40 to +85 °C/–40 to +105 °C
Junction temperature: –40 to + 125 °C
Package
UFQ
FPN48
LQFP64
WLCSP64
UFBGA
100
LQFP100
UFBGA
144
LQFP144
UFQ
FPN48
LQFP64
WLCSP
64
UFBGA
100
LQFP100
UFBGA
144
LQFP144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com