Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F412CE Datasheet(PDF) 152 Page - STMicroelectronics

Part # STM32F412CE
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412CE Datasheet(HTML) 152 Page - STMicroelectronics

Back Button STM32F412CE Datasheet HTML 148Page - STMicroelectronics STM32F412CE Datasheet HTML 149Page - STMicroelectronics STM32F412CE Datasheet HTML 150Page - STMicroelectronics STM32F412CE Datasheet HTML 151Page - STMicroelectronics STM32F412CE Datasheet HTML 152Page - STMicroelectronics STM32F412CE Datasheet HTML 153Page - STMicroelectronics STM32F412CE Datasheet HTML 154Page - STMicroelectronics STM32F412CE Datasheet HTML 155Page - STMicroelectronics STM32F412CE Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 193 page
background image
Electrical characteristics
STM32F412xE/G
152/193
DocID028087 Rev 4
Synchronous waveforms and timings
Figure 54 through Figure 57 represent synchronous waveforms and Table 91 through
Table 94 provide the corresponding timings. The results shown in these tables are obtained
with the following FSMC configuration:
•
BurstAccessMode = FSMC_BurstAccessMode_Enable;
•
MemoryType = FSMC_MemoryType_CRAM;
•
WriteBurst = FSMC_WriteBurst_Enable;
•
CLKDivision = 1; (0 is not supported, see the STM32F446 reference manual: RM0390)
•
DataLatency = 1 for NOR Flash; DataLatency = 0 for PSRAM
Table 89. Asynchronous multiplexed PSRAM/NOR write timings(1)(2)
1. CL = 30 pF.
2. Based on characterization, not tested in production.
Symbol
Parameter
Min
Max
Unit
tw(NE)
FSMC_NE low time
4THCLK - 1
4THCLK+0.5
ns
tv(NWE_NE)
FSMC_NEx low to FSMC_NWE low
THCLK
THCLK + 1
tw(NWE)
FSMC_NWE low time
2THCLK - 1 2THCLK + 0.5
th(NE_NWE)
FSMC_NWE high to FSMC_NE high hold time
THCLK - 1.5
-
tv(A_NE)
FSMC_NEx low to FSMC_A valid
-
2
tv(NADV_NE)
FSMC_NEx low to FSMC_NADV low
0
1
tw(NADV)
FSMC_NADV low time
THCLK – 0.5 THCLK+ 0.5
th(AD_NADV)
FSMC_AD(adress) valid hold time after
FSMC_NADV high)
THCLK
-
th(A_NWE)
Address hold time after FSMC_NWE high
THCLK- 1.5
-
th(BL_NWE)
FSMC_BL hold time after FSMC_NWE high
THCLK
-
tv(BL_NE)
FSMC_NEx low to FSMC_BL valid
-
1.5
tv(Data_NADV)
FSMC_NADV high to Data valid
-
THCLK + 2
th(Data_NWE)
Data hold time after FSMC_NWE high
THCLK + 0.5
-
Table 90. Asynchronous multiplexed PSRAM/NOR write-NWAIT timings(1)(2)
1. CL = 30 pF.
2. Based on characterization, not tested in production.
Symbol
Parameter
Min
Max
Unit
tw(NE)
FSMC_NE low time
9THCLK - 1
9THCLK + 0.5
ns
tw(NWE)
FSMC_NWE low time
7THCLK - 1
7THCLK + 0.5
tsu(NWAIT_NE)
FSMC_NWAIT valid before FSMC_NEx high
6THCLK -1
-
th(NE_NWAIT)
FSMC_NEx hold time after FSMC_NWAIT
invalid
4THCLK + 1
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com