Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F412VG Datasheet(PDF) 62 Page - STMicroelectronics

Part # STM32F412VG
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412VG Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STM32F412VG Datasheet HTML 58Page - STMicroelectronics STM32F412VG Datasheet HTML 59Page - STMicroelectronics STM32F412VG Datasheet HTML 60Page - STMicroelectronics STM32F412VG Datasheet HTML 61Page - STMicroelectronics STM32F412VG Datasheet HTML 62Page - STMicroelectronics STM32F412VG Datasheet HTML 63Page - STMicroelectronics STM32F412VG Datasheet HTML 64Page - STMicroelectronics STM32F412VG Datasheet HTML 65Page - STMicroelectronics STM32F412VG Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 193 page
background image
PB0
-
TIM1_CH2N
TIM3_CH3
TIM8_CH2N
-
-
SPI5_SCK/
I2S5_CK
--
-
-
-
EVENTOUT
PB1
-
TIM1_CH3N
TIM3_CH4
TIM8_CH3N
-
-
SPI5_NSS/
I2S5_WS
-
DFSDM1_
DATIN0
QUADSPI_
CLK
-
-
EVENTOUT
PB2
-
-
-
-
-
-
DFSDM1_
CKIN0
--
QUADSPI_
CLK
-
-
EVENTOUT
PB3
JTDO-
SWO
TIM2_CH2
I2CFMP1_
SDA
SPI1_SCK/I2
S1_CK
SPI3_SCK/
I2S3_CK
USART1_RX
-
I2C2_SDA
-
-
EVENTOUT
PB4
JTRST
-
TIM3_CH1
-
-
SPI1_MISO
SPI3_MISO
I2S3ext_
SD
-
I2C3_SDA
-
SDIO_D0
EVENTOUT
PB5
-
-
TIM3_CH2
-
I2C1_SMBA
SPI1_MOSI/I
2S1_SD
SPI3_MOSI/
I2S3_SD
-
-
CAN2_RX
-
SDIO_D3
EVENTOUT
PB6
-
-
TIM4_CH1
-
I2C1_SCL
-
-
USART1_TX
-
CAN2_TX
QUADSPI_
BK1_NCS
SDIO_D0
EVENTOUT
PB7
-
-
TIM4_CH2
-
I2C1_SDA
-
-
USART1_RX
-
-
-
FSMC_NL
EVENTOUT
PB8
-
-
TIM4_CH3
TIM10_CH1
I2C1_SCL
-
SPI5_MOSI/I2S
5_SD
-
CAN1_RX
I2C3_SDA
-
SDIO_D4
EVENTOUT
PB9
-
-
TIM4_CH4
TIM11_CH1
I2C1_SDA
SPI2_NSS/
I2S2_WS
-
-
CAN1_TX
I2C2_SDA
-
SDIO_D5
EVENTOUT
PB10
-
TIM2_CH3
-
-
I2C2_SCL
SPI2_SCK/
I2S2_CK
I2S3_MCK
USART3_TX
-
I2CFMP1_
SCL
-
SDIO_D7
EVENTOUT
PB11
-
TIM2_CH4
-
-
I2C2_SDA
I2S2_CKIN
-
USART3_RX
-
-
-
-
EVENTOUT
PB12
-
TIM1_BKIN
-
-
I2C2_SMBA
SPI2_NSS/
I2S2_WS
SPI4_NSS/
I2S4_WS
SPI3_SCK/
I2S3_CK
USART3_
CK
CAN2_RX
DFSDM1_
DATIN1
FSMC_D13/F
SMC_DA13
EVENTOUT
PB13
-
TIM1_CH1N
-
-
I2CFMP1_
SMBA
SPI2_SCK/
I2S2_CK
SPI4_SCK/
I2S4_CK
-
USART3_
CTS
CAN2_TX
DFSDM1_
CKIN1
-EVENTOUT
PB14
-
TIM1_CH2N
-
TIM8_CH2N
I2CFMP1_
SDA
SPI2_MISO
I2S2ext_SD
USART3_
RTS
DFSDM1_
DATIN2
TIM12_CH1
FSMC_D0
SDIO_D6
EVENTOUT
PB15
RTC_
50Hz
TIM1_CH3N
-
TIM8_CH3N
I2CFMP1_
SCL
SPI2_MOSI/I
2S2_SD
--
DFSDM1_
CKIN2
TIM12_CH2
-
SDIO_CK
EVENTOUT
Table 10. STM32F412xE/G alternate functions (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF12
AF15
SYS_AF
TIM1/
TIM2
TIM3/
TIM4/
TIM5
TIM8/
TIM9/
TIM10/
TIM11
I2C1/
I2C2/
I2C3/
I2CFMP1
SPI1/I2S1/
SPI2/I2S2/
SPI3/I2S3/
SPI4/I2S4
SPI2/I2S2/SPI3
/I2S3/SPI4/
I2S4/SPI5/I2S5
/DFSDM1
SPI3/I2S3/
USART1/
USART2/
USART3
DFSDM1/
USART3/
USART6/
CAN1
I2C2/I2C3/
I2CFMP1/
CAN1/CAN2
/TIM12/
TIM13/TIM14
/QUADSPI
DFSDM1/
QUADSPI/
FSMC
/OTG1_FS
FSMC /SDIO
SYS_AF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com