Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F412VG Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32F412VG
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412VG Datasheet(HTML) 1 Page - STMicroelectronics

  STM32F412VG Datasheet HTML 1Page - STMicroelectronics STM32F412VG Datasheet HTML 2Page - STMicroelectronics STM32F412VG Datasheet HTML 3Page - STMicroelectronics STM32F412VG Datasheet HTML 4Page - STMicroelectronics STM32F412VG Datasheet HTML 5Page - STMicroelectronics STM32F412VG Datasheet HTML 6Page - STMicroelectronics STM32F412VG Datasheet HTML 7Page - STMicroelectronics STM32F412VG Datasheet HTML 8Page - STMicroelectronics STM32F412VG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 193 page
background image
This is information on a product in full production.
May 2016
DocID028087 Rev 4
1/193
STM32F412xE STM32F412xG
ARM®-Cortex®-M4 32b MCU+FPU, 125 DMIPS, 1MB Flash,
256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
Datasheet
- production data
Features
• Dynamic Efficiency Line with BAM (Batch
Acquisition Mode)
• Core: ARM® 32-bit Cortex®-M4 CPU with
FPU, Adaptive real-time accelerator (ART
Accelerator™) allowing 0-wait state execution
from Flash memory, frequency up to 100 MHz,
memory protection unit,
125 DMIPS/1.25 DMIPS/MHz (Dhrystone 2.1),
and DSP instructions
• Memories
– Up to 1 Mbyte of Flash memory
– 256 Kbyte of SRAM
– Flexible external static memory controller
with up to 16-bit data bus: SRAM, PSRAM,
NOR Flash memory
– Dual mode Quad-SPI interface
• LCD parallel interface, 8080/6800 modes
• Clock, reset and supply management
– 1.7 V to 3.6 V application supply and I/Os
– POR, PDR, PVD and BOR
– 4-to-26 MHz crystal oscillator
– Internal 16 MHz factory-trimmed RC
– 32 kHz oscillator for RTC with calibration
– Internal 32 kHz RC with calibration
• Power consumption
– Run: 112 µA/MHz (peripheral off)
– Stop (Flash in Stop mode, fast wakeup
time): 50 µA Typ @ 25 °C; 75 µA max
@25 °C
– Stop (Flash in Deep power down mode,
slow wakeup time): down to 18 µA @
25 °C; 40 µA max @25 °C
– Standby: 2.4 µA @25 °C / 1.7 V without
RTC; 12 µA @85 °C @1.7 V
–VBAT supply for RTC: 1 µA @25 °C
• 1×12-bit, 2.4 MSPS ADC: up to 16 channels
• 2x digital filters for sigma delta modulator,
4x PDM interfaces, stereo microphone support
• General-purpose DMA: 16-stream DMA
• Up to 17 timers: up to twelve 16-bit timers, two
32-bit timers up to 100 MHz each with up to
four IC/OC/PWM or pulse counter and
quadrature (incremental) encoder input, two
watchdog timers (independent and window),
one SysTick timer
• Debug mode
– Serial wire debug (SWD) & JTAG
–Cortex®-M4 Embedded Trace Macrocell™
• Up to 114 I/O ports with interrupt capability
– Up to 109 fast I/Os up to 100 MHz
– Up to 114 five V-tolerant I/Os
• Up to 17 communication interfaces
–Up to 4x I2C interfaces (SMBus/PMBus)
– Up to 4 USARTs (2 x 12.5 Mbit/s,
2 x 6.25 Mbit/s), ISO 7816 interface, LIN,
IrDA, modem control)
– Up to 5 SPI/I2Ss (up to 50 Mbit/s, SPI or
I2S audio protocol), out of which 2 muxed
full-duplex I2S interfaces
– SDIO interface (SD/MMC/eMMC)
– Advanced connectivity: USB 2.0 full-speed
device/host/OTG controller with PHY
– 2x CAN (2.0B Active)
• True random number generator
• CRC calculation unit
• 96-bit unique ID
• RTC: subsecond accuracy, hardware calendar
• All packages are ECOPACK
®2
Table 1. Device summary
Reference
Part number
STM32F412xE
STM32F412CE, STM32F412RE, STM32F412VE,
STM32F412ZE
STM32F412xG
STM32F412CG, STM32F412RG, STM32F412VG,
STM32F412ZG
WLCSP64
UFQFPN48
(7x7 mm)
UFBGA100
(7x7mm)
UFBGA144
(10x10mm)
(3.623x3.651mm) LQFP100 (14x14mm)
LQFP144 (20x20mm)
LQFP64 (10x10mm)
www.st.com


Similar Part No. - STM32F412VG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F412VGH3 STMICROELECTRONICS-STM32F412VGH3 Datasheet
2Mb / 201P
Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
19-Dec-2017
STM32F412VGH3P STMICROELECTRONICS-STM32F412VGH3P Datasheet
2Mb / 201P
Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
19-Dec-2017
STM32F412VGH3PTR STMICROELECTRONICS-STM32F412VGH3PTR Datasheet
2Mb / 201P
Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
19-Dec-2017
STM32F412VGH3TR STMICROELECTRONICS-STM32F412VGH3TR Datasheet
2Mb / 201P
Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
19-Dec-2017
STM32F412VGH6 STMICROELECTRONICS-STM32F412VGH6 Datasheet
2Mb / 201P
Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
19-Dec-2017
More results

Similar Description - STM32F412VG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F405XX STMICROELECTRONICS-STM32F405XX_12 Datasheet
2Mb / 180P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
31-May-2012
STM32F405ZGT6 STMICROELECTRONICS-STM32F405ZGT6 Datasheet
2Mb / 167P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
24-Jan-2012
STM32F405RGT6 STMICROELECTRONICS-STM32F405RGT6 Datasheet
2Mb / 180P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
31-May-2012
STM32F407IGH6 STMICROELECTRONICS-STM32F407IGH6 Datasheet
5Mb / 185P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
04-Jun-2013
STM32F405VGT6 STMICROELECTRONICS-STM32F405VGT6 Datasheet
5Mb / 185P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
04-Jun-2013
STM32F401XB STMICROELECTRONICS-STM32F401XB Datasheet
2Mb / 135P
ARM Cortex-M4 32b MCUFPU, 105 DMIPS, 256KB Flash/64KB RAM, 11 TIMs, 1 ADC, 11 comm. interfaces
07-Sep-2016
STM32F446XC STMICROELECTRONICS-STM32F446XC Datasheet
2Mb / 202P
ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
02-Sep-2016
STM32F411XC STMICROELECTRONICS-STM32F411XC Datasheet
2Mb / 149P
ARM® Cortex®-M4 32b MCUFPU, 125 DMIPS, 512KB Flash, 128KB RAM, USB OTG FS, 11 TIMs, 1 ADC, 13 comm. interfaces
December 2016 Rev 6
STM32F405 STMICROELECTRONICS-STM32F405 Datasheet
5Mb / 204P
Arm® Cortex®-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
14-Aug-2020
STM32F405XX STMICROELECTRONICS-STM32F405XX_V01 Datasheet
5Mb / 201P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
19-Oct-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com