Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F412VG Datasheet(PDF) 134 Page - STMicroelectronics

Part # STM32F412VG
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412VG Datasheet(HTML) 134 Page - STMicroelectronics

Back Button STM32F412VG Datasheet HTML 130Page - STMicroelectronics STM32F412VG Datasheet HTML 131Page - STMicroelectronics STM32F412VG Datasheet HTML 132Page - STMicroelectronics STM32F412VG Datasheet HTML 133Page - STMicroelectronics STM32F412VG Datasheet HTML 134Page - STMicroelectronics STM32F412VG Datasheet HTML 135Page - STMicroelectronics STM32F412VG Datasheet HTML 136Page - STMicroelectronics STM32F412VG Datasheet HTML 137Page - STMicroelectronics STM32F412VG Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 193 page
background image
Electrical characteristics
STM32F412xE/G
134/193
DocID028087 Rev 4
USB OTG full speed (FS) characteristics
This interface is present in USB OTG FS controller.
tw(CKH)
QSPI clock high
and low
-
(T(CK) / 2)-1
-
T(CK) / 2
ns
tw(CKL)
T(CK) / 2)
-
(T(CK) / 2)+1
ts(IN)
Data input setup
time
-0
-
-
th(IN)
Data input hold
time
-4
-
-
tv(OUT)
Data output valid
time
2.7 V<VDD<3.6 V
-
8
10.5
1.71 V<VDD<3.6 V
-
8
13
th(OUT)
Data output hold
time
-7.5
-
-
1. Guaranteed by characterization results, not tested in production.
Table 68. USB OTG FS startup time
Symbol
Parameter
Max
Unit
tSTARTUP(1)
1. Guaranteed by design, not tested in production.
USB OTG FS transceiver startup time
1
µs
Table 69. USB OTG FS DC electrical characteristics
Symbol
Parameter
Conditions
Min.(1)
1. All the voltages are measured from the local ground potential.
Typ. Max.(1) Unit
Input
levels
VDD
USB OTG FS operating
voltage
3.0(2)
-3.6
V
VDI(3) Differential input sensitivity
I(USB_FS_DP/DM)
0.2
-
-
V
VCM(3)
Differential common mode
range
Includes VDI range
0.8
-
2.5
VSE(3)
Single ended receiver
threshold
1.3
-
2.0
Output
levels
VOL Static output level low
RL of 1.5 kΩ to 3.6 V(4)
--
0.3
V
VOH Static output level high
RL of 15 kΩ to VSS(4)
2.8
-
3.6
RPD
PA11, PA12
(USB_FS_DM/DP)
VIN = VDD
17
21
24
k
Ω
PA9 (OTG_FS_VBUS)
0.65
1.1
2.0
RPU
PA11, PA12
(USB_FS_DM/DP)
VIN = VSS
1.5
1.8
2.1
PA9 (OTG_FS_VBUS)
VIN = VSS
0.25
0.37
0.55
Table 67. QSPI dynamic characteristics in DDR mode(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com