Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F469AE Datasheet(PDF) 68 Page - STMicroelectronics

Part # STM32F469AE
Description  ARMCortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F469AE Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STM32F469AE Datasheet HTML 64Page - STMicroelectronics STM32F469AE Datasheet HTML 65Page - STMicroelectronics STM32F469AE Datasheet HTML 66Page - STMicroelectronics STM32F469AE Datasheet HTML 67Page - STMicroelectronics STM32F469AE Datasheet HTML 68Page - STMicroelectronics STM32F469AE Datasheet HTML 69Page - STMicroelectronics STM32F469AE Datasheet HTML 70Page - STMicroelectronics STM32F469AE Datasheet HTML 71Page - STMicroelectronics STM32F469AE Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 217 page
background image
Pinouts and pin description
STM32F469xx
68/217
DocID028196 Rev 3
96
136
B4
A9
B5
165 196
B5
PB7
I/O
FT
-
TIM4_CH2, I2C1_SDA,
USART1_RX, FMC_NL,
DCMI_VSYNC, EVENTOUT
-
97
137
A5
F8
D6
166 197
E6
BOOT0
I
B
-
-
VPP
98
138
D4
B9
A5
167 198
A7
PB8
I/O
FT
-
TIM4_CH3, TIM10_CH1,
I2C1_SCL, CAN1_RX,
ETH_MII_TXD3, SDIO_D4,
DCMI_D6, LCD_B6,
EVENTOUT
-
99
139
C4
E9
B4
168 199
B4
PB9
I/O
FT
-
TIM4_CH4, TIM11_CH1,
I2C1_SDA,
SPI2_NSS/I2S2_WS,
CAN1_TX, SDIO_D5,
DCMI_D7, LCD_B7,
EVENTOUT
-
NC
(2)
140
A4
A10
A4
169 200
A6
PE0
I/O
FT
-
TIM4_ETR, UART8_Rx,
FMC_NBL0, DCMI_D2,
EVENTOUT
-
NC
(2)
141
A3
C9
A3
170 201
A5
PE1
I/O
FT
-
UART8_Tx, FMC_NBL1,
DCMI_D3, EVENTOUT
-
-
-
E3
B10
D5
-
202
F6
VSS
S
-
-
-
-
-
142
C3
D9
C6
171 203
E5
PDR_ON
S
-
-
-
-
100 143
D3
A11
C5
172 204
E7
VDD
S
-
-
-
-
-
-
B3
D10
D4
173 205
C3
PI4
I/O
FT
-
TIM8_BKIN, FMC_NBL2,
DCMI_D5, LCD_B4,
EVENTOUT
-
-
-
A2
C10
C4
174 206
D3
PI5
I/O
FT
-
TIM8_CH1, FMC_NBL3,
DCMI_VSYNC, LCD_B5,
EVENTOUT
-
-
-
A1
B11
C3
175 207
D6
PI6
I/O
FT
-
TIM8_CH2, FMC_D28,
DCMI_D6, LCD_B6,
EVENTOUT
-
-
-
B1
A12
C2
176 208
D4
PI7
I/O
FT
-
TIM8_CH3, FMC_D29,
DCMI_D7, LCD_B7,
EVENTOUT
-
1. Function availability depends on the chosen device.
2. NC (not-connected) pins are not bonded. They must be configured by software to output push-pull and forced to “0” in the
output data register to avoid extra current consumption in low power modes.
3. PC13, PC14, PC15 and PI8 are supplied through the power switch. Since the switch only sinks a limited amount of current
(3 mA), the use of GPIOs PC13 to PC15 and PI8 in output mode is limited:
- The speed should not exceed 2 MHz with a maximum load of 30 pF.
- These I/Os must not be used as a current source (e.g. to drive an LED).
4. Main function after the first backup domain power-up. Later on, it depends on the contents of the RTC registers even after
reset (because these registers are not reset by the main reset). For details on how to manage these I/Os, refer to the RTC
register description sections in the STM32F4xx reference manual, available from the STMicroelectronics website:
www.st.com.
5.
FT = 5 V tolerant except when in analog mode or oscillator mode (for PC14, PC15, PH0 and PH1).
Table 10. STM32F469xx pin and ball definitions (continued)
Pin number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com