Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F469AE Datasheet(PDF) 93 Page - STMicroelectronics

Part # STM32F469AE
Description  ARMCortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F469AE Datasheet(HTML) 93 Page - STMicroelectronics

Back Button STM32F469AE Datasheet HTML 89Page - STMicroelectronics STM32F469AE Datasheet HTML 90Page - STMicroelectronics STM32F469AE Datasheet HTML 91Page - STMicroelectronics STM32F469AE Datasheet HTML 92Page - STMicroelectronics STM32F469AE Datasheet HTML 93Page - STMicroelectronics STM32F469AE Datasheet HTML 94Page - STMicroelectronics STM32F469AE Datasheet HTML 95Page - STMicroelectronics STM32F469AE Datasheet HTML 96Page - STMicroelectronics STM32F469AE Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 217 page
background image
DocID028196 Rev 3
93/217
STM32F469xx
Electrical characteristics
190
V12
Regulator ON: 1.2 V internal
voltage on VCAP_1/VCAP_2 pins
Power Scale 3 ((VOS[1:0] bits in
PWR_CR register = 0x01), 120 MHz
HCLK max frequency
1.08 1.14
1.20
V
Power Scale 2 ((VOS[1:0] bits in
PWR_CR register = 0x10), 144 MHz
HCLK max frequency with over-drive OFF
or 168 MHz with over-drive ON
1.20 1.26
1.32
Power Scale 1 ((VOS[1:0] bits in
PWR_CR register = 0x11), 168 MHz
HCLK max frequency with over-drive OFF
or 180 MHz with over-drive ON
1.26 1.32
1.40
Regulator OFF: 1.2 V external
voltage must be supplied from
external regulator on
VCAP_1/VCAP_2 pins(6)
Max frequency 120 MHz
1.10 1.14
1.20
Max frequency 144 MHz
1.20 1.26
1.32
Max frequency 168 MHz
1.26 1.32
1.38
VIN
Input voltage on RST and FT
pins(7)
2V
≤VDD ≤3.6 V
− 0.3
-
5.5
V
VDD ≤2V
− 0.3
-
5.2
Input voltage on TTa pins
-
− 0.3
-
VDDA
+0.3
Input voltage on BOOT0 pin
-
0
-
9
PD
Power dissipation
at TA = 85 °C for suffix 6
or TA = 105 °C for suffix 7(8)
LQFP100
-
-
465
mW
LQFP144
-
-
500
WLCSP168
-
-
645
UFBGA169
-
-
385
LQFP176
-
-
526
UFBGA176
-
-
513
LQFP208
-
-
1053
TFBGA216
-
-
690
TA
Ambient temperature for 6
suffix version
Maximum power dissipation
− 40
-
85
°C
Low power dissipation(9)
− 40
-
105
Ambient temperature for 7
suffix version
Maximum power dissipation
− 40
-
105
Low power dissipation(9)
− 40
-
125
TJ
Junction temperature range
6 suffix version
− 40
-
105
7 suffix version
− 40
-
125
1. The over-drive mode is not supported at the voltage ranges from 1.7 to 2.1 V.
2. VDD/VDDA minimum value of 1.7 V is obtained with the use of an external power supply supervisor (refer to Section 2.19.2).
3. When the ADC is used, refer to Table 76.
4. If VREF+ pin is present, it must respect the following condition: VDDA-VREF+ < 1.2 V.
5. It is recommended to power VDD and VDDA from the same source. A maximum difference of 300 mV between VDD and
VDDA can be tolerated during power-up and power-down operation.
6. The over-drive mode is not supported when the internal regulator is OFF.
Table 17. General operating conditions (continued)
Symbol
Parameter
Conditions(1)
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com