Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F469AE Datasheet(PDF) 104 Page - STMicroelectronics

Part # STM32F469AE
Description  ARMCortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F469AE Datasheet(HTML) 104 Page - STMicroelectronics

Back Button STM32F469AE Datasheet HTML 100Page - STMicroelectronics STM32F469AE Datasheet HTML 101Page - STMicroelectronics STM32F469AE Datasheet HTML 102Page - STMicroelectronics STM32F469AE Datasheet HTML 103Page - STMicroelectronics STM32F469AE Datasheet HTML 104Page - STMicroelectronics STM32F469AE Datasheet HTML 105Page - STMicroelectronics STM32F469AE Datasheet HTML 106Page - STMicroelectronics STM32F469AE Datasheet HTML 107Page - STMicroelectronics STM32F469AE Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 217 page
background image
Electrical characteristics
STM32F469xx
104/217
DocID028196 Rev 3
Table 29. Typical and maximum current consumption in Stop mode
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
TA =
25 °C
TA =
85 °C
TA =
105 °C
IDD_STOP_NM
(normal mode)
Supply current in Stop
mode with voltage
regulator in main
regulator mode
Flash memory in Stop mode, all
oscillators OFF, no independent
watchdog
0.63
3
17
33
mA
Flash memory in Deep power
down mode, all oscillators OFF,
no independent watchdog
0.58
3
17
33
Supply current in Stop
mode with voltage
regulator in Low Power
regulator mode
Flash memory in Stop mode, all
oscillators OFF, no independent
watchdog
0.50
2
15
28
Flash memory in Deep power
down mode, all oscillators OFF,
no independent watchdog
0.44
2
15
28
IDD_STOP_UDM
(under-drive
mode)
Supply current in Stop
mode with voltage
regulator in main
regulator and under-
drive mode
Flash memory in Deep power
down mode, main regulator in
under-drive mode, all oscillators
OFF, no independent watchdog
0.21
1
6
12
Supply current in Stop
mode with voltage
regulator in Low Power
regulator and under-
drive mode
Flash memory in Deep power
down mode, Low Power regulator
in under-drive mode, all
oscillators OFF, no independent
watchdog
0.14
1
6
13
1. Data based on characterization, tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com