Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F469AE Datasheet(PDF) 110 Page - STMicroelectronics

Part # STM32F469AE
Description  ARMCortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F469AE Datasheet(HTML) 110 Page - STMicroelectronics

Back Button STM32F469AE Datasheet HTML 106Page - STMicroelectronics STM32F469AE Datasheet HTML 107Page - STMicroelectronics STM32F469AE Datasheet HTML 108Page - STMicroelectronics STM32F469AE Datasheet HTML 109Page - STMicroelectronics STM32F469AE Datasheet HTML 110Page - STMicroelectronics STM32F469AE Datasheet HTML 111Page - STMicroelectronics STM32F469AE Datasheet HTML 112Page - STMicroelectronics STM32F469AE Datasheet HTML 113Page - STMicroelectronics STM32F469AE Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 217 page
background image
Electrical characteristics
STM32F469xx
110/217
DocID028196 Rev 3
Table 33. Peripheral current consumption
Peripheral
IDD(Typ)(1)
Unit
Scale 1
Scale 2
Scale 3
AHB1
(up to
180 MHz)
GPIOA
3.16
3.00
2.58
µA/MHz
GPIOB
2.67
2.62
2.25
GPIOC
2.42
2.31
2.10
GPIOD
2.22
2.10
1.79
GPIOE
2.60
2.48
2.23
GPIOF
2.39
2.27
2.08
GPIOG
2.27
2.13
1.98
GPIOH
2.34
2.20
2.02
GPIOI
2.52
2.37
2.17
GPIOJ
2.16
2.03
1.86
GPIOK
2.20
2.06
1.89
OTG_HS+ULPI
36.49
33.89
29.90
CRC
0.62
0.55
0.50
BKPSRAM
0.83
0.74
0.63
DMA1(2)
3.3 x N + 6.8
3 x N + 6.3
2.7 x N + 5.5
DMA2(2)
3.4 x N + 5.7
3.1 x N + 5.3
2.8 x N + 4.6
DMA2D
33.33
30.66
26.98
ETH_MAC
ETH_MAC_TX
ETH_MAC_RX
ETH_MAC_PTP
22.30
20.69
18.19
AHB2
(up to
180 MHz)
USB_OTG_FS
34.33
31.96
28.35
µA/MHz
DVCMI
3.61
3.35
2.98
RNG
1.94
1.82
1.61
AHB3
(up to
180 MHz)
QUADSPI
16.83
15.57
13.83
µA/MHz
FMC
17.22
15.92
14.00
Bus matrix(3)
12.17
11.19
9.97
µA/MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com