Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F469AE Datasheet(PDF) 127 Page - STMicroelectronics

Part # STM32F469AE
Description  ARMCortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F469AE Datasheet(HTML) 127 Page - STMicroelectronics

Back Button STM32F469AE Datasheet HTML 123Page - STMicroelectronics STM32F469AE Datasheet HTML 124Page - STMicroelectronics STM32F469AE Datasheet HTML 125Page - STMicroelectronics STM32F469AE Datasheet HTML 126Page - STMicroelectronics STM32F469AE Datasheet HTML 127Page - STMicroelectronics STM32F469AE Datasheet HTML 128Page - STMicroelectronics STM32F469AE Datasheet HTML 129Page - STMicroelectronics STM32F469AE Datasheet HTML 130Page - STMicroelectronics STM32F469AE Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 217 page
background image
DocID028196 Rev 3
127/217
STM32F469xx
Electrical characteristics
190
5.3.15
MIPI D-PHY regulator characteristics
The parameters given in Table 48 are derived from tests performed under temperature and
VDD supply voltage conditions summarized in Table 17.
IDD(PLL) PLL power consumption on VDD12
fVCO_OUT = 500 MHz
-
0.55
0.70
mA
fVCO_OUT = 600 MHz
-
0.65
0.80
fVCO_OUT = 1000 MHz
-
0.95
1.20
1. Based on test during characterization.
Table 47. DSI-PLL characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 48. DSI regulator characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD12DSI 1.2 V internal voltage on VDD12DSI
-
1.15
1.20
1.30
V
CEXT
External capacitor on VCAPDSI
-
1.1
2.2
3.3
μF
ESR
External Serial Resistor
-
0
25
600
mΩ
IDDDSIREG Regulator power consumption
-
100
120
125
µA
IDDDSI
DSI system (regulator, PLL and
D-PHY) current consumption on VDDDSI
Ultra Low Power Mode
(Reg. ON + PLL OFF)
-290
600
µA
Stop State
(Reg. ON + PLL OFF)
-290
600
IDDDSILP
DSI system current consumption on
VDDDSI in LP mode communication(2)
10 MHz escape clock
(Reg. ON + PLL OFF)
-4.3
5.0
mA
20 MHz escape clock
(Reg. ON + PLL OFF)
-4.3
5.0
IDDDSIHS
DSI system (regulator, PLL and
D-PHY) current consumption on VDDDSI
in HS mode communication(3)
300 Mbps - 1 data lane
(Reg. ON + PLL ON)
-8.0
8.8
mA
300 Mbps - 2data lane
(Reg. ON + PLL ON)
-
11.4
12.5
500 Mbps - 1 data lane
(Reg. ON + PLL ON)
-13.5
14.7
500 Mbps - 2data lane
(Reg. ON + PLL ON)
-18.0
19.6
DSI system (regulator, PLL and
D-PHY) current consumption on VDDDSI
in HS mode with CLK like payload
500 Mbps - 2data lane
(Reg. ON + PLL ON)
-21.4
23.3
tWAKEUP Startup delay
CEXT = 2.2 µF
-
110
-
µs
CEXT = 3.3 µF
-
-
160
IINRUSH
Inrush current on VDDDSI
External capacitor load at start
-
60
200
mA
1. Based on test during characterization.
2. Values based on an average traffic in LP Command Mode.
3. Values based on an average traffic (3/4 HS traffic & 1/4 LP) in Video Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com