Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F469AE Datasheet(PDF) 147 Page - STMicroelectronics

Part # STM32F469AE
Description  ARMCortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F469AE Datasheet(HTML) 147 Page - STMicroelectronics

Back Button STM32F469AE Datasheet HTML 143Page - STMicroelectronics STM32F469AE Datasheet HTML 144Page - STMicroelectronics STM32F469AE Datasheet HTML 145Page - STMicroelectronics STM32F469AE Datasheet HTML 146Page - STMicroelectronics STM32F469AE Datasheet HTML 147Page - STMicroelectronics STM32F469AE Datasheet HTML 148Page - STMicroelectronics STM32F469AE Datasheet HTML 149Page - STMicroelectronics STM32F469AE Datasheet HTML 150Page - STMicroelectronics STM32F469AE Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 217 page
background image
DocID028196 Rev 3
147/217
STM32F469xx
Electrical characteristics
190
SAI characteristics
Unless otherwise specified, the parameters given in Table 66 for SAI are derived from tests
performed under the ambient temperature, fPCLKx frequency and VDD supply voltage
conditions summarized in Table 17, with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 10
•
Capacitive load C=30 pF
•
Measurement points are performed at CMOS levels: 0.5 VDD
Refer to Section 5.3.20 for more details on the input/output alternate
function
characteristics (SCK,SD,WS).
Table 66. SAI characteristics(1)
Symbol
Parameter
Conditions
Min
Max
Unit
fMCKL
SAI Main clock output
-
256 x 8K
256xFs
MHz
fCK
SAI clock frequency(2)
Master data: 32 bits
-
128xFs(3)
Slave data: 32 bits
-
128xFs
tv(FS)
FS valid time
Master mode,
2.7V ≤ VDD ≤ 3.6V
-17
ns
Master mode,
1.71V ≤ VDD ≤ 3.6V
-23
tsu(FS)
FS setup time
Slave mode
10
-
th(FS)
FS hold time
Slave mode
0
-
tsu(SD_MR)
Data input setup time
Master receiver
1
-
tsu(SD_SR)
Slave receiver
2
-
th(SD_MR)
Data input hold time
Master receiver
6
-
th(SD_SR)
Slave receiver
1
-
th(SD_B_ST)
Data output valid time
Slave transmitter (after enable edge),
2.7V ≤ VDD ≤ 3.6V
-14
Slave transmitter (after enable edge),
1.71V ≤ VDD ≤ 3.6V
-23
th(SD_B_ST)
Data output hold time
Slave transmitter (after enable edge)
9
-
tv(SD_A_MT)
Data output valid time
Master transmitter (after enable edge),
2.7V ≤ VDD ≤ 3.6V
-20
Master transmitter (after enable edge),
1.71V ≤ VDD ≤ 3.6V
-26
th(SD_A_MT)
Data output hold time
Master transmitter (after enable edge)
10
-
1. Guaranteed based on test during characterization.
2. APB clock frequency must be at least twice SAI clock frequency.
3. With Fs = 192 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com