Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F469AE Datasheet(PDF) 182 Page - STMicroelectronics

Part # STM32F469AE
Description  ARMCortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F469AE Datasheet(HTML) 182 Page - STMicroelectronics

Back Button STM32F469AE Datasheet HTML 178Page - STMicroelectronics STM32F469AE Datasheet HTML 179Page - STMicroelectronics STM32F469AE Datasheet HTML 180Page - STMicroelectronics STM32F469AE Datasheet HTML 181Page - STMicroelectronics STM32F469AE Datasheet HTML 182Page - STMicroelectronics STM32F469AE Datasheet HTML 183Page - STMicroelectronics STM32F469AE Datasheet HTML 184Page - STMicroelectronics STM32F469AE Datasheet HTML 185Page - STMicroelectronics STM32F469AE Datasheet HTML 186Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 217 page
background image
Electrical characteristics
STM32F469xx
182/217
DocID028196 Rev 3
Figure 72. SDRAM write access waveforms
Table 103. LPSDR SDRAM read timings(1)
1. Guaranteed based on test during characterization.
Symbol
Parameter
Min
Max
Unit
tW(SDCLK)
FMC_SDCLK period
2THCLK − 0.5
2THCLK+0.5
ns
tsu(SDCLKH_Data)
Data input setup time
2.5
-
th(SDCLKH_Data)
Data input hold time
0
-
td(SDCLKL_Add)
Address valid time
-
1
td(SDCLKL_SDNE)
Chip select valid time
-
1
th(SDCLKL_SDNE)
Chip select hold time
1
-
td(SDCLKL_SDNRAS
SDNRAS valid time
-
1
th(SDCLKL_SDNRAS)
SDNRAS hold time
1
-
td(SDCLKL_SDNCAS)
SDNCAS valid time
-
1
th(SDCLKL_SDNCAS)
SDNCAS hold time
1
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com