Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F446RE Datasheet(PDF) 85 Page - STMicroelectronics

Part # STM32F446RE
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446RE Datasheet(HTML) 85 Page - STMicroelectronics

Back Button STM32F446RE Datasheet HTML 81Page - STMicroelectronics STM32F446RE Datasheet HTML 82Page - STMicroelectronics STM32F446RE Datasheet HTML 83Page - STMicroelectronics STM32F446RE Datasheet HTML 84Page - STMicroelectronics STM32F446RE Datasheet HTML 85Page - STMicroelectronics STM32F446RE Datasheet HTML 86Page - STMicroelectronics STM32F446RE Datasheet HTML 87Page - STMicroelectronics STM32F446RE Datasheet HTML 88Page - STMicroelectronics STM32F446RE Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 202 page
background image
DocID027107 Rev 6
85/202
STM32F446xC/E
Electrical characteristics
175
Table 25. Typical and maximum current consumption in Run mode, code with data processing
running from Flash memory (ART accelerator disabled)
Symbol
Parameter
Conditions
fHCLK (MHz)
Typ
Max(1)
Unit
TA=
25 °C
TA=85 °C TA=105 °C
IDD
Supply
current in
RUN mode
External clock,
PLL ON,
all peripherals
enabled(2)(3)
180
81
89.0
110.0
120.0
mA
168(4)
74
80.2
105.7
112.0
150
69
74.9
99.5
105.6
144(4)
63
69.3
92.4
98.1
120
51
56.3
76.1
81.1
90
40
45.32
63.19
67.63
60
28
33.1
48.7
52.6
30
16
20.8
34.0
37.4
25
13
18.4
31.2
34.5
External clock,
PLL ON,
all Peripherals
disabled(2)(3)
16
8
13.8
25.0
28.2
8
5
10.8
21.1
24.2
4
3.0
9.1
19.0
22.0
2
2.1
8.1
17.9
20.9
180
41
47.0
69.0
79.0
168
38
43.2
61.9
67.1
150
37
41.8
60.3
65.4
144(4)
34
39.3
56.9
61.6
120
29
34.3
50.2
54.4
HSI, PLL OFF,
all peripherals
disabled(3)
90
24
28.8
43.6
47.5
60
17
22.0
35.6
39.2
30
10
14.8
27.0
30.1
25
8
13.51
25.36
28.47
HSI, PLL OFF,
all Peripherals
disabled(3)
16
5
11.1
21.8
24.9
8
3
9.5
19.4
22.5
4
2.3
8.35
18.12
21.17
2
1.8
7.78
17.42
20.51
1. Guaranteed based on test during characterization unless otherwise specified.
2. When analog peripheral blocks such as ADCs, DACs, HSE, LSE, HSI, or LSI are ON, an additional power consumption
should be considered.
3. When the ADC is ON (ADON bit set in the ADC_CR2 register), add an additional power consumption of 1.6 mA per ADC for
the analog part.
4. Overdrive OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com