Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F446RE Datasheet(PDF) 91 Page - STMicroelectronics

Part # STM32F446RE
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446RE Datasheet(HTML) 91 Page - STMicroelectronics

Back Button STM32F446RE Datasheet HTML 87Page - STMicroelectronics STM32F446RE Datasheet HTML 88Page - STMicroelectronics STM32F446RE Datasheet HTML 89Page - STMicroelectronics STM32F446RE Datasheet HTML 90Page - STMicroelectronics STM32F446RE Datasheet HTML 91Page - STMicroelectronics STM32F446RE Datasheet HTML 92Page - STMicroelectronics STM32F446RE Datasheet HTML 93Page - STMicroelectronics STM32F446RE Datasheet HTML 94Page - STMicroelectronics STM32F446RE Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 202 page
background image
DocID027107 Rev 6
91/202
STM32F446xC/E
Electrical characteristics
175
Figure 21. Typical VBAT current consumption
(RTC ON/backup RAM OFF and LSE in low power mode)
Table 29. Typical and maximum current consumptions in VBAT mode
Symbol
Parameter
Conditions(1)
Typ
Max(2)
Unit
TA = 25 °C
TA =
85 °C
TA =
105 °C
VBAT
=
1.7 V
VBAT=
2.4 V
VBAT
=
3.3 V
VBAT = 3.6 V
IDD_VBAT
Backup
domain
supply
current
Backup SRAM ON, RTC ON
and LSE oscillator in low power
mode
1.46
1.62
1.83
6
11
µA
Backup SRAM OFF, RTC ON
and LSE oscillator in low power
mode
0.72
0.85
1.00
3
5
Backup SRAM ON, RTC ON
and LSE oscillator in high drive
mode
2.24
2.40
2.64
-
-
Backup SRAM OFF, RTC ON
and LSE oscillator in high drive
mode
1.50
1.64
1.86
-
-
Backup SRAM ON, RTC and
LSE OFF
0.74
0.75
0.78
5
10
Backup SRAM OFF, RTC and
LSE OFF
0.05
0.05
0.05
2
4
1. Crystal used: Abracon ABS07-120-32.768 kHz-T with a CL of 6 pF for typical values.
2. Guaranteed based on test during characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com