Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F446RE Datasheet(PDF) 130 Page - STMicroelectronics

Part # STM32F446RE
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446RE Datasheet(HTML) 130 Page - STMicroelectronics

Back Button STM32F446RE Datasheet HTML 126Page - STMicroelectronics STM32F446RE Datasheet HTML 127Page - STMicroelectronics STM32F446RE Datasheet HTML 128Page - STMicroelectronics STM32F446RE Datasheet HTML 129Page - STMicroelectronics STM32F446RE Datasheet HTML 130Page - STMicroelectronics STM32F446RE Datasheet HTML 131Page - STMicroelectronics STM32F446RE Datasheet HTML 132Page - STMicroelectronics STM32F446RE Datasheet HTML 133Page - STMicroelectronics STM32F446RE Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 202 page
background image
Electrical characteristics
STM32F446xC/E
130/202
DocID027107 Rev 6
Figure 36. SPI timing diagram - slave mode and CPHA = 0
tw(SCKH)
SCK high and low time
Master mode, SPI presc = 2
TPCLK - 1.5
TPCLK TPCLK + 1.5
ns
tw(SCKL)
tsu(NSS)
NSS setup time
Slave mode, SPI presc = 2
4TPCLK
--
th(NSS)
NSS hold time
Slave mode, SPI presc = 2
2TPCLK
tsu(MI)
Data input setup time
Master mode
4
-
-
tsu(SI)
Slave mode
3
-
-
th(MI)
Data input hold time
Master mode
4
-
-
th(SI)
Slave mode
2
-
-
ta(SO)
Data output access time Slave mode
7
-
21
tdis(SO)
Data output disable time Slave mode
5
-
12
tv(SO)
Data output valid/hold
time
Slave mode (after enable edge),
2.7V ≤ VDD ≤ 3.6V
-7.5
22
Slave mode (after enable edge),
1.7 V ≤ VDD ≤ 3.6 V
-
7.5
10.5
th(SO)
Data output valid/hold
time
Slave mode (after enable edge)
5
-
-
tv(MO)
Data output valid time
Master mode (after enable edge)
-
1.5
5
th(MO)
Data output hold time
Master mode (after enable edge)
0
-
-
1. Guaranteed based on test during characterization.
2. Maximum frequency in Slave transmitter mode is determined by the sum of tv(SO) and tsu(MI) which has to fit into SCK low or
high phase preceding the SCK sampling edge. This value can be achieved when the SPI communicates with a master
having tsu(MI) = 0 while Duty(SCK) = 50%.
Table 63. SPI dynamic characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com