Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F446RE Datasheet(PDF) 136 Page - STMicroelectronics

Part # STM32F446RE
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446RE Datasheet(HTML) 136 Page - STMicroelectronics

Back Button STM32F446RE Datasheet HTML 132Page - STMicroelectronics STM32F446RE Datasheet HTML 133Page - STMicroelectronics STM32F446RE Datasheet HTML 134Page - STMicroelectronics STM32F446RE Datasheet HTML 135Page - STMicroelectronics STM32F446RE Datasheet HTML 136Page - STMicroelectronics STM32F446RE Datasheet HTML 137Page - STMicroelectronics STM32F446RE Datasheet HTML 138Page - STMicroelectronics STM32F446RE Datasheet HTML 139Page - STMicroelectronics STM32F446RE Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 202 page
background image
Electrical characteristics
STM32F446xC/E
136/202
DocID027107 Rev 6
SAI characteristics
Unless otherwise specified, the parameters given in Table 67 for SAI are derived from tests
performed under the ambient temperature, fPCLKx frequency and VDD supply voltage
conditions summarized in Table 16, with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 10
•
Capacitive load C=30 pF
•
Measurement points are performed at CMOS levels: 0.5VDD
Refer to Section 6.3.17: I/O port characteristics for more details on the input/output alternate
function characteristics (SCK,SD,WS).
(3)
Table 67. SAI characteristics(1)
Symbol
Parameter
Conditions
Min
Max
Unit
fMCK
SAI Main clock output
-
256 x 8K
256 x Fs
MHz
fCK
SAI clock frequency(2)
Master data: 32 bits
-
128 x Fs(3)
MHz
Slave data: 32 bits
-
128 x Fs(3)
tv(FS)
FS valid time
Master mode
2.7 V ≤ VDD ≤3.6 V
-14
%
Master mode
1.71 V ≤ VDD ≤3.6 V
-17.5
ns
th(FS)
FS hold time
Master mode
7
-
tsu(FS)
FS setup time
Slave mode
1
-
th(FS)
FS hold time
Slave mode
1
-
tsu(SD_A_MR)
Data input setup time
Master receiver
1
-
tsu(SD_B_SR)
Slave receiver
1
-
th(SD_A_MR)
Data input hold time
Master receiver
5
-
th(SD_B_SR)
Slave receiver
1
-
tv(SD_B_ST) Data output valid time
Slave trasmitter (after enable edge
2.7 V ≤ VDD ≤3.6 V
-9.5
Slave transmitter (after enable edge
1.71 V ≤ VDD ≤3.6 V
-16
th(SD_B_ST) Data output hold time
Slave transmitter (after enable edge
6
-
tv(SD_B_ST) Data output valid time
Master transmitter (after enable edge
2.7 V ≤ VDD ≤3.6 V
-15
Master transmitter (after enable edge
1.71 V ≤ VDD ≤3.6 V
-18
th(SD_B_ST) Data output hold time
Master transmitter (after enable edge
7
-
1. Guaranteed based on test during characterization.
2. 256xFs maximum corresponds to 45 MHz (APB2 xaximum frequency)
3. With Fs = 192 KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com