Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F756ZG Datasheet(PDF) 77 Page - STMicroelectronics

Part # STM32F756ZG
Description  ARM-based Cortex-M7 32b MCUFPU, 462DMIPS, up to 1MB Flash/32016 4KB RAM, crypto, USB OTG HS/FS, ethernet, 18 TIMs, 3 ADCs, 25 com itf, cam & LCD
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F756ZG Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STM32F756ZG Datasheet HTML 73Page - STMicroelectronics STM32F756ZG Datasheet HTML 74Page - STMicroelectronics STM32F756ZG Datasheet HTML 75Page - STMicroelectronics STM32F756ZG Datasheet HTML 76Page - STMicroelectronics STM32F756ZG Datasheet HTML 77Page - STMicroelectronics STM32F756ZG Datasheet HTML 78Page - STMicroelectronics STM32F756ZG Datasheet HTML 79Page - STMicroelectronics STM32F756ZG Datasheet HTML 80Page - STMicroelectronics STM32F756ZG Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 228 page
background image
Table 12. STM32F756xx alternate function mapping
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
TIM1/2
TIM3/4/5
TIM8/9/10/
11/LPTIM
1/CEC
I2C1/2/3/
4/CEC
SPI1/2/3/
4/5/6
SPI3/
SAI1
SPI2/3/U
SART1/2/
3/UART5/
SPDIFRX
SAI2/US
ART6/UA
RT4/5/7/8
/SPDIFR
X
CAN1/2/T
IM12/13/
14/QUAD
SPI/LCD
SAI2/QU
ADSPI/O
TG2_HS/
OTG1_FS
ETH/
OTG1_FS
FMC/SD
MMC1/O
TG2_FS
DCMI
LCD
SYS
Port A
PA0
-
TIM2_C
H1/TIM2
_ETR
TIM5_C
H1
TIM8_ET
R
--
-
USART2
_CTS
UART4_
TX
-
SAI2_SD_
B
ETH_MII_
CRS
---
EVEN
TOUT
PA1
-
TIM2_C
H2
TIM5_C
H2
--
-
-
USART2
_RTS
UART4_
RX
QUADSP
I_BK1_IO
3
SAI2_MC
K_B
ETH_MII_
RX_CLK/
ETH_RMI
I_REF_C
LK
-
-
LCD_R2
EVEN
TOUT
PA2
-
TIM2_C
H3
TIM5_C
H3
TIM9_CH
1
--
-
USART2
_TX
SAI2_SC
K_B
--
ETH_MDI
O
-
-
LCD_R1
EVEN
TOUT
PA3
-
TIM2_C
H4
TIM5_C
H4
TIM9_CH
2
--
-
USART2
_RX
--
OTG_HS_
ULPI_D0
ETH_MII_
COL
--
LCD_B5
EVEN
TOUT
PA4
-
-
-
-
-
SPI1_NS
S/I2S1_
WS
SPI3_NS
S/I2S3_
WS
USART2
_CK
--
-
-
OTG_HS
_SOF
DCMI_H
SYNC
LCD_VS
YNC
EVEN
TOUT
PA5
-
TIM2_C
H1/TIM2
_ETR
-
TIM8_CH
1N
-
SPI1_SC
K/I2S1_
CK
-
---
OTG_HS_
ULPI_CK
-
-
-
LCD_R4
EVEN
TOUT
PA6
-
TIM1_B
KIN
TIM3_C
H1
TIM8_BKI
N
-
SPI1_MI
SO
--
-
TIM13_C
H1
--
-
DCMI_PI
XCLK
LCD_G2
EVEN
TOUT
PA7
-
TIM1_C
H1N
TIM3_C
H2
TIM8_CH
1N
-
SPI1_M
OSI/I2S1
_SD
--
-
TIM14_C
H1
-
ETH_MII_
RX_DV/E
TH_RMII_
CRS_DV
FMC_SD
NWE
--
EVEN
TOUT
PA8
MCO1
TIM1_C
H1
-
TIM8_BKI
N2
I2C3_SC
L
--
USART1
_CK
--
OTG_FS_
SOF
-
-
-
LCD_R6
EVEN
TOUT
PA9
-
TIM1_C
H2
--
I2C3_SM
BA
SPI2_SC
K/I2S2_
CK
-
USART1
_TX
--
-
-
-
DCMI_D
0
-
EVEN
TOUT
PA10
-
TIM1_C
H3
--
-
-
-
USART1
_RX
--
OTG_FS_
ID
--
DCMI_D
1
-
EVEN
TOUT
PA11
-
TIM1_C
H4
--
-
-
-
USART1
_CTS
-
CAN1_R
X
OTG_FS_
DM
-
-
-
LCD_R4
EVEN
TOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com