Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F756ZG Datasheet(PDF) 86 Page - STMicroelectronics

Part # STM32F756ZG
Description  ARM-based Cortex-M7 32b MCUFPU, 462DMIPS, up to 1MB Flash/32016 4KB RAM, crypto, USB OTG HS/FS, ethernet, 18 TIMs, 3 ADCs, 25 com itf, cam & LCD
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F756ZG Datasheet(HTML) 86 Page - STMicroelectronics

Back Button STM32F756ZG Datasheet HTML 82Page - STMicroelectronics STM32F756ZG Datasheet HTML 83Page - STMicroelectronics STM32F756ZG Datasheet HTML 84Page - STMicroelectronics STM32F756ZG Datasheet HTML 85Page - STMicroelectronics STM32F756ZG Datasheet HTML 86Page - STMicroelectronics STM32F756ZG Datasheet HTML 87Page - STMicroelectronics STM32F756ZG Datasheet HTML 88Page - STMicroelectronics STM32F756ZG Datasheet HTML 89Page - STMicroelectronics STM32F756ZG Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 228 page
background image
Port H
PH8
-
-
-
-
I2C3_SD
A
-
-
---
-
-
FMC_D1
6
DCMI_H
SYNC
LCD_R2
EVEN
TOUT
PH9
-
-
-
-
I2C3_SM
BA
--
-
-
TIM12_C
H2
--
FMC_D1
7
DCMI_D
0
LCD_R3
EVEN
TOUT
PH10
-
-
TIM5_C
H1
-
I2C4_SM
BA
-
-
---
-
-
FMC_D1
8
DCMI_D
1
LCD_R4
EVEN
TOUT
PH11
-
-
TIM5_C
H2
-
I2C4_SC
L
-
-
---
-
-
FMC_D1
9
DCMI_D
2
LCD_R5
EVEN
TOUT
PH12
-
-
TIM5_C
H3
-
I2C4_SD
A
-
-
---
-
-
FMC_D2
0
DCMI_D
3
LCD_R6
EVEN
TOUT
PH13
-
-
-
TIM8_CH
1N
--
-
-
-
CAN1_T
X
--
FMC_D2
1
-
LCD_G2
EVEN
TOUT
PH14
-
-
-
TIM8_CH
2N
-
-
-
---
-
-
FMC_D2
2
DCMI_D
4
LCD_G3
EVEN
TOUT
PH15
-
-
-
TIM8_CH
3N
-
-
-
---
-
-
FMC_D2
3
DCMI_D
11
LCD_G4
EVEN
TOUT
Port I
PI0
-
-
TIM5_C
H4
--
SPI2_NS
S/I2S2_
WS
-
---
-
-
FMC_D2
4
DCMI_D
13
LCD_G5
EVEN
TOUT
PI1
-
-
-
TIM8_BKI
N2
-
SPI2_SC
K/I2S2_
CK
-
---
-
-
FMC_D2
5
DCMI_D
8
LCD_G6
EVEN
TOUT
PI2
-
-
-
TIM8_CH
4
-
SPI2_MI
SO
-
---
-
-
FMC_D2
6
DCMI_D
9
LCD_G7
EVEN
TOUT
PI3
-
-
-
TIM8_ET
R
-
SPI2_M
OSI/I2S2
_SD
-
---
-
-
FMC_D2
7
DCMI_D
10
-
EVEN
TOUT
PI4
-
-
-
TIM8_BKI
N
-
-
-
---
SAI2_MC
K_A
-
FMC_NB
L2
DCMI_D
5
LCD_B4
EVEN
TOUT
PI5
-
-
-
TIM8_CH
1
-
-
-
---
SAI2_SC
K_A
-
FMC_NB
L3
DCMI_V
SYNC
LCD_B5
EVEN
TOUT
PI6
-
-
-
TIM8_CH
2
-
-
-
---
SAI2_SD_
A
-
FMC_D2
8
DCMI_D
6
LCD_B6
EVEN
TOUT
Table 12. STM32F756xx alternate function mapping (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
TIM1/2
TIM3/4/5
TIM8/9/10/
11/LPTIM
1/CEC
I2C1/2/3/
4/CEC
SPI1/2/3/
4/5/6
SPI3/
SAI1
SPI2/3/U
SART1/2/
3/UART5/
SPDIFRX
SAI2/US
ART6/UA
RT4/5/7/8
/SPDIFR
X
CAN1/2/T
IM12/13/
14/QUAD
SPI/LCD
SAI2/QU
ADSPI/O
TG2_HS/
OTG1_FS
ETH/
OTG1_FS
FMC/SD
MMC1/O
TG2_FS
DCMI
LCD
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com