Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L071K8 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32L071K8
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, ADC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L071K8 Datasheet(HTML) 1 Page - STMicroelectronics

  STM32L071K8 Datasheet HTML 1Page - STMicroelectronics STM32L071K8 Datasheet HTML 2Page - STMicroelectronics STM32L071K8 Datasheet HTML 3Page - STMicroelectronics STM32L071K8 Datasheet HTML 4Page - STMicroelectronics STM32L071K8 Datasheet HTML 5Page - STMicroelectronics STM32L071K8 Datasheet HTML 6Page - STMicroelectronics STM32L071K8 Datasheet HTML 7Page - STMicroelectronics STM32L071K8 Datasheet HTML 8Page - STMicroelectronics STM32L071K8 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 136 page
background image
This is information on a product in full production.
March 2016
DocID027101 Rev 3
1/136
STM32L071x8 STM32L071xB
STM32L071xZ
Access line ultra-low-power 32-bit MCU ARM®-based Cortex®-M0+,
up to 192KB Flash, 20KB SRAM, 6KB EEPROM, ADC
Datasheet
- production data
Features
 Ultra-low-power platform
– 1.65 V to 3.6 V power supply
–
-40 to 125 °C temperature range
– 0.29 µA Standby mode (3 wakeup pins)
– 0.43 µA Stop mode (16 wakeup lines)
– 0.86 µA Stop mode + RTC + 20 KB RAM
retention
– Down to 93 µA/MHz in Run mode
– 5 µs wakeup time (from Flash memory)
– 41 µA 12-bit ADC conversion at 10 ksps
 Core: ARM® 32-bit Cortex®-M0+ with MPU
– From 32 kHz up to 32 MHz max.
– 0.95 DMIPS/MHz
 Reset and supply management
– Ultra-safe, low-power BOR (brownout reset)
with 5 selectable thresholds
– Ultra-low-power POR/PDR
– Programmable voltage detector (PVD)
 Clock sources
– 1 to 25 MHz crystal oscillator
– 32 kHz oscillator for RTC with calibration
– High speed internal 16 MHz factory-trimmed RC
(+/- 1%)
– Internal low-power 37 kHz RC
– Internal multispeed low-power 65 kHz to
4.2 MHz RC
– PLL for CPU clock
 Pre-programmed bootloader
– USART, I2C, SPI supported
 Development support
– Serial wire debug supported
 Up to 84 fast I/Os (78 I/Os 5V tolerant)
 Memories
– Up to 192 KB Flash memory with ECC(2 banks
with read-while-write capability)
–20 KB RAM
– 6 KB of data EEPROM with ECC
– 20-byte backup register
– Sector protection against R/W operation
 Rich Analog peripherals
– 12-bit ADC 1.14 Msps up to 16 channels (down
to 1.65 V)
– 2x ultra-low-power comparators (window mode
and wake up capability, down to 1.65 V)
 7-channel DMA controller, supporting ADC, SPI,
I2C, USART, Timers
 10x peripheral communication interfaces
– 4x USART (2 with ISO 7816, IrDA), 1x UART
(low power)
– Up to 6x SPI 16 Mbits/s
– 3x I2C (2 with SMBus/PMBus)
 11x timers: 2x 16-bit with up to 4 channels, 2x 16-bit
with up to 2 channels, 1x 16-bit ultra-low-power
timer, 1x SysTick, 1x RTC, 2x 16-bit basic, and 2x
watchdogs (independent/window)
 CRC calculation unit, 96-bit unique ID
 All packages are ECOPACK®2
Table 1. Device summary
Reference
Part number
STM32L071x8
STM32L071V8, STM32L071K8,
STM32L071C8
STM32L071xB
STM32L071VB, STM32L071RB,
STM32L071CB, STM32L071KB
STM32L071xZ
STM32L071VZ, STM32L071RZ,
STM32L071CZ, STM32L071KZ
LQFP32 7x7 mm
LQFP48 7x7 mm
LQFP64 10x10 mm
LQFP100 14x14 mm
WLCSP49
(3.294x3.258 mm)
UFBGA64
TFBGA64
5x5mm
UFBGA100
7x7 mm
UFQFPN32
5x5 mm
www.st.com


Similar Part No. - STM32L071K8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L071K8 STMICROELECTRONICS-STM32L071K8 Datasheet
2Mb / 148P
Access line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, ADC
November 2019
More results

Similar Description - STM32L071K8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L011X3 STMICROELECTRONICS-STM32L011X3 Datasheet
1Mb / 115P
Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 16KB Flash, 2KB SRAM, 512B EEPROM, ADC
20-Jun-2016
STM32L031X4 STMICROELECTRONICS-STM32L031X4 Datasheet
1Mb / 118P
Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
05-Apr-2016
STM32L073X8 STMICROELECTRONICS-STM32L073X8 Datasheet
1Mb / 139P
Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, LCD, USB, ADC, DACs
22-Mar-2016
STM32L081CB STMICROELECTRONICS-STM32L081CB Datasheet
1Mb / 110P
Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, ADC, AES
03-May-2016
STM32L083X8 STMICROELECTRONICS-STM32L083X8 Datasheet
1Mb / 139P
Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, LCD, USB, ADC, DACs, AES
22-Mar-2016
STM32L072X8 STMICROELECTRONICS-STM32L072X8 Datasheet
2Mb / 147P
Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
22-Mar-2016
STM32L073X8 STMICROELECTRONICS-STM32L073X8_V01 Datasheet
2Mb / 157P
Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, LCD, USB, ADC, DACs
August 2020 Rev 6
STM32L071X8 STMICROELECTRONICS-STM32L071X8_V01 Datasheet
2Mb / 148P
Access line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, ADC
November 2019
STM32L072X8 STMICROELECTRONICS-STM32L072X8_V01 Datasheet
2Mb / 160P
Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
November 2019
STM32L082KB STMICROELECTRONICS-STM32L082KB Datasheet
1Mb / 132P
Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs, AES
06-Oct-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com