Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L071K8 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM32L071K8
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, ADC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L071K8 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM32L071K8 Datasheet HTML 12Page - STMicroelectronics STM32L071K8 Datasheet HTML 13Page - STMicroelectronics STM32L071K8 Datasheet HTML 14Page - STMicroelectronics STM32L071K8 Datasheet HTML 15Page - STMicroelectronics STM32L071K8 Datasheet HTML 16Page - STMicroelectronics STM32L071K8 Datasheet HTML 17Page - STMicroelectronics STM32L071K8 Datasheet HTML 18Page - STMicroelectronics STM32L071K8 Datasheet HTML 19Page - STMicroelectronics STM32L071K8 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 136 page
background image
Functional overview
STM32L071xx
16/136
DocID027101 Rev 3
VDD = 2.0 to 2.4 V
Conversion time up
to 1.14 Msps
Range 1, range 2 or
range 3
Full speed operation
VDD = 2.4 to 3.6 V
Conversion time up
to 1.14 Msps
Range 1, range 2 or
range 3
Full speed operation
1. CPU frequency changes from initial to final must respect "fcpu initial <4*fcpu final". It must also respect 5
μs delay between two changes. For example to switch from 4.2 MHz to 32 MHz, you can switch from 4.2
MHz to 16 MHz, wait 5 μs, then switch from 16 MHz to 32 MHz.
Table 4. CPU frequency range depending on dynamic voltage scaling
CPU frequency range
Dynamic voltage scaling range
16 MHz to 32 MHz (1ws)
32 kHz to 16 MHz (0ws)
Range 1
8 MHz to 16 MHz (1ws)
32 kHz to 8 MHz (0ws)
Range 2
32 kHz to 4.2 MHz (0ws)
Range 3
Table 3. Functionalities depending on the operating power supply range (continued)
Operating power supply
range
Functionalities depending on the operating power supply range
ADC operation
Dynamic voltage
scaling range
I/O operation
Table 5. Functionalities depending on the working mode
(from Run/active down to standby) (1)(2)
IPs
Run/Active
Sleep
Low-
power
run
Low-
power
sleep
Stop
Standby
Wakeup
capability
Wakeup
capability
CPU
Y
--
Y
--
--
--
Flash memory
O
O
O
O
--
--
RAM
Y
Y
Y
Y
Y
--
Backup registers
Y
Y
Y
Y
Y
Y
EEPROM
O
O
O
O
--
--
Brown-out reset
(BOR)
OO
O
O
O
O
O
O
DMA
O
O
O
O
--
--
Programmable
Voltage Detector
(PVD)
OO
O
O
O
O
-
Power-on/down
reset (POR/PDR)
YY
Y
Y
Y
Y
Y
Y
High Speed
Internal (HSI)
OO
--
--
(3)
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com