Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L071RB Datasheet(PDF) 57 Page - STMicroelectronics

Part # STM32L071RB
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, ADC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L071RB Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STM32L071RB Datasheet HTML 53Page - STMicroelectronics STM32L071RB Datasheet HTML 54Page - STMicroelectronics STM32L071RB Datasheet HTML 55Page - STMicroelectronics STM32L071RB Datasheet HTML 56Page - STMicroelectronics STM32L071RB Datasheet HTML 57Page - STMicroelectronics STM32L071RB Datasheet HTML 58Page - STMicroelectronics STM32L071RB Datasheet HTML 59Page - STMicroelectronics STM32L071RB Datasheet HTML 60Page - STMicroelectronics STM32L071RB Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 136 page
background image
DocID027101 Rev 3
57/136
STM32L071xx
Electrical characteristics
107
6.3
Operating conditions
6.3.1
General operating conditions
Table 25. General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
fHCLK
Internal AHB clock frequency
-
0
32
MHz
fPCLK1 Internal APB1 clock frequency
-
0
32
fPCLK2 Internal APB2 clock frequency
-
0
32
VDD
Standard operating voltage
BOR detector disabled
1.65
3.6
V
BOR detector enabled, at power
on
1.8
3.6
BOR detector disabled, after
power on
1.65
3.6
VDDA
Analog operating voltage (all features)
Must be the same voltage as
VDD(1)
1.65
3.6
V
VDDIO2 Standard operating voltage
-
1.65
3.6
V
VIN
Input voltage on FT, FTf and RST pins(2)
2.0 V
 VDD  3.6 V
-0.3
5.5
V
1.65 V
 VDD  2.0 V
-0.3
5.2
Input voltage on BOOT0 pin
-
0
5.5
Input voltage on TC pin
-
-0.3
VDD+0.3
PD
Power dissipation at TA = 85 °C (range 6)
or TA =105 °C (rage 7) (3)
UFBGA100 package
-
351
mW
LQFP100 package
-
488
TFBGA64 package
-
313
LQFP64 package
-
435
WLCSP49 package
-
417
LQFP48 package
-
370
UFQFPN32 package
-
556
LQFP32 package
-
333
Power dissipation at TA = 125 °C (range
3) (3)
UFBGA100 package
-
88
LQFP100 package
-
122
TFBGA64 package
-
78
LQFP64 package
-
109
WLCSP49 package
-
104
LQFP48 package
-
93
UFQFPN32 package
-
139
LQFP32 package
-
83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com