Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L071RB Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32L071RB
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, ADC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L071RB Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32L071RB Datasheet HTML 6Page - STMicroelectronics STM32L071RB Datasheet HTML 7Page - STMicroelectronics STM32L071RB Datasheet HTML 8Page - STMicroelectronics STM32L071RB Datasheet HTML 9Page - STMicroelectronics STM32L071RB Datasheet HTML 10Page - STMicroelectronics STM32L071RB Datasheet HTML 11Page - STMicroelectronics STM32L071RB Datasheet HTML 12Page - STMicroelectronics STM32L071RB Datasheet HTML 13Page - STMicroelectronics STM32L071RB Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 136 page
background image
Description
STM32L071xx
10/136
DocID027101 Rev 3
2
Description
The access line ultra-low-power STM32L071xx microcontrollers incorporate the high-
performance ARM® Cortex®-M0+ 32-bit RISC core operating at a 32 MHz frequency, a
memory protection unit (MPU), high-speed embedded memories (up to 192 Kbytes of Flash
program memory, 6 Kbytes of data EEPROM and 20 Kbytes of RAM) plus an extensive
range of enhanced I/Os and peripherals.
The STM32L071xx devices provide high power efficiency for a wide range of performance.
It is achieved with a large choice of internal and external clock sources, an internal voltage
adaptation and several low-power modes.
The STM32L071xx devices offer several analog features, one 12-bit ADC with hardware
oversampling, two ultra-low-power comparators, several timers, one low-power timer
(LPTIM), four general-purpose 16-bit timers and two basic timer, one RTC and one SysTick
which can be used as timebases. They also feature two watchdogs, one watchdog with
independent clock and window capability and one window watchdog based on bus clock.
Moreover, the STM32L071xx devices embed standard and advanced communication
interfaces: up to three I2Cs, two SPIs, one I2S, four USARTs, a low-power UART
(LPUART), .
The STM32L071xx also include a real-time clock and a set of backup registers that remain
powered in Standby mode.
The ultra-low-power STM32L071xx devices operate from a 1.8 to 3.6 V power supply (down
to 1.65 V at power down) with BOR and from a 1.65 to 3.6 V power supply without BOR
option. They are available in the -40 to +125 °C temperature range. A comprehensive set of
power-saving modes allows the design of low-power applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com