Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ121 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TSZ121
Description  Very high accuracy zero drift micropower 5 V operational amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ121 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TSZ121 Datasheet HTML 13Page - STMicroelectronics TSZ121 Datasheet HTML 14Page - STMicroelectronics TSZ121 Datasheet HTML 15Page - STMicroelectronics TSZ121 Datasheet HTML 16Page - STMicroelectronics TSZ121 Datasheet HTML 17Page - STMicroelectronics TSZ121 Datasheet HTML 18Page - STMicroelectronics TSZ121 Datasheet HTML 19Page - STMicroelectronics TSZ121 Datasheet HTML 20Page - STMicroelectronics TSZ121 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
TSZ121, TSZ122, TSZ124
Application information
DocID023563 Rev 5
17/38
5
Application information
5.1
Operation theory
The TSZ121, TSZ122, and TSZ124 are high precision CMOS devices. They achieve a low
offset drift and no 1/f noise thanks to their chopper architecture. Chopper-stabilized amps
constantly correct low-frequency errors across the inputs of the amplifier.
Chopper-stabilized amplifiers can be explained with respect to:
Time domain
Frequency domain
5.1.1
Time domain
The basis of the chopper amplifier is realized in two steps. These steps are synchronized
thanks to a clock running at 400 kHz.
Figure 38: Block diagram in the time domain (step 1)
Figure 39: Block diagram in the time domain (step 2)
Figure 38: "Block diagram in the time domain (step 1)" shows step 1, the first clock cycle,
where Vio is amplified in the normal way.
Figure 39: "Block diagram in the time domain (step 2)" shows step 2, the second clock
cycle, where Chop1 and Chop2 swap paths. At this time, the Vio is amplified in a reverse
way as compared to step 1.
At the end of these two steps, the average Vio is close to zero.
The A2(f) amplifier has a small impact on the Vio because the Vio is expressed as the input
offset and is consequently divided by A1(f).
In the time domain, the offset part of the output signal before filtering is shown in Figure 40:
"Vio cancellation principle".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com