Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ121 Datasheet(PDF) 34 Page - STMicroelectronics

Part # TSZ121
Description  Very high accuracy zero drift micropower 5 V operational amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ121 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button TSZ121 Datasheet HTML 30Page - STMicroelectronics TSZ121 Datasheet HTML 31Page - STMicroelectronics TSZ121 Datasheet HTML 32Page - STMicroelectronics TSZ121 Datasheet HTML 33Page - STMicroelectronics TSZ121 Datasheet HTML 34Page - STMicroelectronics TSZ121 Datasheet HTML 35Page - STMicroelectronics TSZ121 Datasheet HTML 36Page - STMicroelectronics TSZ121 Datasheet HTML 37Page - STMicroelectronics TSZ121 Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
Package information
TSZ121, TSZ122, TSZ124
34/38
DocID023563 Rev 5
Table 11: QFN16 3x3 mechanical data
Ref.
Dimensios
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.80
0.90
1.00
0.031
0.035
0.039
A1
0
0.05
0
0.002
A3
0.20
0.008
b
0.18
0.30
0.007
0.012
D
2.90
3.00
3.10
0.114
0.118
0.122
D2
1.50
1.80
0.059
0.071
E
2.90
3.00
3.10
0.114
0.118
0.122
E2
1.50
1.80
0.059
0.071
e
0.50
0.020
L
0.30
0.50
0.012
0.020
Figure 58: QFN16 3x3 recommended footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com