Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ121ILT Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSZ121ILT
Description  Very high accuracy zero drift micropower 5 V operational amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ121ILT Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSZ121ILT Datasheet HTML 7Page - STMicroelectronics TSZ121ILT Datasheet HTML 8Page - STMicroelectronics TSZ121ILT Datasheet HTML 9Page - STMicroelectronics TSZ121ILT Datasheet HTML 10Page - STMicroelectronics TSZ121ILT Datasheet HTML 11Page - STMicroelectronics TSZ121ILT Datasheet HTML 12Page - STMicroelectronics TSZ121ILT Datasheet HTML 13Page - STMicroelectronics TSZ121ILT Datasheet HTML 14Page - STMicroelectronics TSZ121ILT Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
TSZ121, TSZ122, TSZ124
Electrical characteristic curves
DocID023563 Rev 5
11/38
4
Electrical characteristic curves
Figure 2: Supply current vs. supply voltage
Figure 3: Input offset voltage distribution at VCC = 5 V
Figure 4: Input offset voltage distribution at VCC = 3.3 V
Figure 5: Input offset voltage distribution at VCC = 1.8 V
Figure 6: Vio temperature co-efficient distribution
(-40 °C to 25 °C)
Figure 7: Vio temperature co-efficient distribution
(25 °C to 125 °C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com