Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ121ILT Datasheet(PDF) 18 Page - STMicroelectronics

Part # TSZ121ILT
Description  Very high accuracy zero drift micropower 5 V operational amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ121ILT Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TSZ121ILT Datasheet HTML 14Page - STMicroelectronics TSZ121ILT Datasheet HTML 15Page - STMicroelectronics TSZ121ILT Datasheet HTML 16Page - STMicroelectronics TSZ121ILT Datasheet HTML 17Page - STMicroelectronics TSZ121ILT Datasheet HTML 18Page - STMicroelectronics TSZ121ILT Datasheet HTML 19Page - STMicroelectronics TSZ121ILT Datasheet HTML 20Page - STMicroelectronics TSZ121ILT Datasheet HTML 21Page - STMicroelectronics TSZ121ILT Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
Application information
TSZ121, TSZ122, TSZ124
18/38
DocID023563 Rev 5
Figure 40: Vio cancellation principle
The low pass filter averages the output value resulting in the cancellation of the Vio offset.
The 1/f noise can be considered as an offset in low frequency and it is canceled like the Vio,
thanks to the chopper technique.
5.1.2
Frequency domain
The frequency domain gives a more accurate vision of chopper-stabilized amplifier
architecture.
Figure 41: Block diagram in the frequency domain
The modulation technique transposes the signal to a higher frequency where there is no 1/f
noise, and demodulate it back after amplification.
1.
According to Figure 41: "Block diagram in the frequency domain", the input signal Vin
is modulated once (Chop1) so all the input signal is transposed to the high frequency
domain.
2.
The amplifier adds its own error (Vio (output offset voltage) + the noise Vn (1/f noise))
to this modulated signal.
3.
This signal is then demodulated (Chop2), but since the noise and the offset are
modulated only once, they are transposed to the high frequency, leaving the output
signal of the amplifier without any offset and low frequency noise. Consequently, the
input signal is amplified with a very low offset and 1/f noise.
4.
To get rid of the high frequency part of the output signal (which is useless) a low pass
filter is implemented.
To further suppress the remaining ripple down to a desired level, another low pass filter
may be added externally on the output of the TSZ121, TSZ122, or TSZ124 device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com