Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFD2/012SL2 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HFD2/012SL2
Description  SUBMINIATURE DIP RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HFD2/012SL2 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HFD2/012SL2 Datasheet HTML 1Page - List of Unclassifed Manufacturers HFD2/012SL2 Datasheet HTML 2Page - List of Unclassifed Manufacturers HFD2/012SL2 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CHARACTERISTICS CURVE
36
Matching 16 pin IC socket
20.2 max
10-Ø0.9
Matching 16 pin IC socket
16
8- Ø0.9
1
13
11
9
4
6
8
2.54
2.54
Single side stable or latching(1 coil)
20.2ma
x
1.2
10.2ma
x
1.2
11
16
15
13
1
6
4
2
9
8
2.54
2.54
10.2ma
x
For latching, diagram shows the "reset" position
Energize terminals 1 and 16 to "set"
Reverse energize terminals 1 and 16 to "reset"
Latching(2 coils)
Diagram shows the "reset" position
Energize terminals 1 and 16 to "set"
Energize terminals 2 and 15 to "reset"
800
+20
10A
1A
100mA
10m
V
10uA
700
600
500
300
100
200
400
0
DC Resistive
Load
AC Resistive Load
10V
100V
1000
V
Full
Load
No
Load
+60
+50
+40
+30
900
MAXIMUM SWITCHING POWER
Contact Current
COIL TEMPERATURE RISE
Coil Power (mW)
Coil Power
S: sensitive
M: standard
Coil voltage 3, 5, 6, 9, 12, 15, 24, 48VDC(Standard Single only)
HFD2 /
012
D
S
L2
Sort
Nil:Single side stable
L1: Latching 1 coil
L2: Latching 2 coils
Contact Material
Nil:AgPd60 / Ag-AuAg8
D: Ag-AuAg8 / Ag-AuAg8
(Bottom view)
ORDERING INFORMATION
Type
OUTLINE DIMENSIONS, WIRING DIAGRAM AND PC BOARD LAYOUT
Outline Dimensions
Wiring Diagram
PCB layout



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com