Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFD2/012SL2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HFD2/012SL2
Description  SUBMINIATURE DIP RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HFD2/012SL2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HFD2/012SL2 Datasheet HTML 1Page - List of Unclassifed Manufacturers HFD2/012SL2 Datasheet HTML 2Page - List of Unclassifed Manufacturers HFD2/012SL2 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Sensitive
standard
File No.:E133481
34
Single side stable
Latching 2 coil
Latching 1 coil
150mW
150mW
75mW
200mW
200mW
100mW
Max. 65•C
See coil data table
003-M
005-M
006-M
009-M
012-M
015-M
024-M
048-M
3
5
6
9
12
15
24
48
2.30
3.75
4.50
6.75
9.00
11.25
18.0
36.0
0.3
0.5
0.6
0.9
1.2
1.5
2.4
4.8
45
125
180
405
720
1125
2880
11520
6
10
12
18
24
30
48
96
003-S
005-S
006-S
009-S
012-S
015-S
024-S
3
5
6
9
12
15
24
2.4
4.0
4.8
7.2
9.6
12.0
19.2
0.3
0.5
0.6
0.9
1.2
1.5
2.4
60
167
240
540
960
1500
3840
7.0
11.5
13.8
20.8
27.7
34.6
55.4
Contact Rating
(Res. Load)
Contacts to coil
Contacts to contact
ISO9001/QS9000/ISO14000 CERTIFIED
Dielectric
Strength
Shock
Resistance
HONGFA RELAY
Coil power
Temperature Rise
Coil Voltage
Features
1000M
500VDC
1500Vrms, 1min(1coil)
1000Vrms, 1min(2coil)
1000Vrms, 1min
4ms
3ms
3ms
3ms
1.5ms
-40 C to +85 C
5% to 85%R.H.
196 m/s2(20g) 10 to 55Hz
490 m/s2(50g)
980 m/s2(100g)
2.0p
1.5p
5.0p
270 C
5s
80 C
30s
DIP & PCB
Approx, 4.5g
Sealed
Single side stable
sensitive(150mW) 20 C
Single side stable
standard(200mW) 20 C
Coil
resistance
( 10%)
Coil
resistance
( 10%)
HFD2
•
2 Form C contact,Polarized relay
•
High sensitivity 150mW
•
Fits standard 16 pin IC socket
•
High switching capacity 60W,125VA
•
Epoxy sealed for automatic wave soldering
and cleaning
2C
50m
Ag-AuAg8, AgPd60
2A 30VDC
1A 125VAC
60W, 125VA
220VDC, 250VAC
2A
10mV 10µA
1 x 105OPS (2A 30VDC) 5 x 105OPS (1A 30VDC)
1 x 108 OPS
Contact Arrangement
Initial Contact Resistance
Contact Material
Max. switching power
Max. switching voltage
Max. switching current
Min. Applicable load
Electrical life
Mechanical life
Initial Insulation Resistance
Operate time (at nomi. Volt.)
Release time (at nomi. Volt.)
Set Time (latching)
Reset Time (latching)
Bounce Time
Ambient temperature
Humidity
Vibration Resistance
Functional
Destructive
Contact to contact
Capacitance Contact set to contact
Contact to coil
Max.Solder Temp. Time
Max.Solvent Temp. Time
Termination
Unit weight
Construction
SUBMINIATURE DIP RELAY
CONTACT DATA
CHARACTERISTICS
COIL
Nominal
Voltage
VDC
COIL DATA
Order
Number
Pick-up
Voltage
VDC
(Max.)
Drop-out
Voltage
VDC
(Min.)
allowable
Voltage
VDC
(Max.)
Nominal
Voltage
VDC
Order
Number
Pick-up
Voltage
VDC
(Max.)
Drop-out
Voltage
VDC
(Min.)
allowable
Voltage
VDC
(Max.)


Similar Part No. - HFD2/012SL2

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFD2/012-M-L1-A HONGFA-HFD2/012-M-L1-A Datasheet
67Kb / 4P
SUBMINIATURE DIP RELAY
HFD2/012-M-L1-D HONGFA-HFD2/012-M-L1-D Datasheet
67Kb / 4P
SUBMINIATURE DIP RELAY
HFD2/012-M-L2-A HONGFA-HFD2/012-M-L2-A Datasheet
67Kb / 4P
SUBMINIATURE DIP RELAY
HFD2/012-M-L2-D HONGFA-HFD2/012-M-L2-D Datasheet
67Kb / 4P
SUBMINIATURE DIP RELAY
HFD2/012-S-L1-A HONGFA-HFD2/012-S-L1-A Datasheet
67Kb / 4P
SUBMINIATURE DIP RELAY
More results

Similar Description - HFD2/012SL2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ821 ETC-AZ821 Datasheet
61Kb / 2P
SUBMINIATURE DIP RELAY
JRC-27F ETC1-JRC-27F Datasheet
112Kb / 3P
SUBMINIATURE DIP RELAY
HFD27 ETC2-HFD27 Datasheet
59Kb / 3P
SUBMINIATURE DIP RELAY
AZ821 ETC2-AZ821_05 Datasheet
88Kb / 2P
SUBMINIATURE DIP RELAY
logo
American Zettler, Inc.
AZ820 AZETTLER-AZ820 Datasheet
82Kb / 2P
SUBMINIATURE DIP RELAY
AZ822 AZETTLER-AZ822 Datasheet
81Kb / 2P
SUBMINIATURE DIP RELAY
logo
Hongfa Technology
HFD27 HONGFA-HFD27 Datasheet
58Kb / 3P
SUBMINIATURE DIP RELAY
HFD2 HONGFA-HFD2 Datasheet
67Kb / 4P
SUBMINIATURE DIP RELAY
logo
ZETTLER Electronics
AZ822 ZETTLER-AZ822_14 Datasheet
50Kb / 2P
SUBMINIATURE DIP RELAY
logo
EVER-WAY INDUSTRY COMPA...
HK19F EVER-WAY-HK19F Datasheet
239Kb / 3P
SUBMINIATURE DIP RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com