Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU7708 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJU7708
Description  VOLTAGE DETECTOR with Delay Function
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7708 Datasheet(HTML) 6 Page - New Japan Radio

  NJU7708 Datasheet HTML 1Page - New Japan Radio NJU7708 Datasheet HTML 2Page - New Japan Radio NJU7708 Datasheet HTML 3Page - New Japan Radio NJU7708 Datasheet HTML 4Page - New Japan Radio NJU7708 Datasheet HTML 5Page - New Japan Radio NJU7708 Datasheet HTML 6Page - New Japan Radio NJU7708 Datasheet HTML 7Page - New Japan Radio NJU7708 Datasheet HTML 8Page - New Japan Radio NJU7708 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
NJU7708/09
- 6 -
Ver.2004-03-09
NJU7709
ABSOLUTE MAXIMUM RATINGS
(Ta=25
°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VDD
+10
V
Output Voltage
VOUT
VSS-0.3
∼ +10
V
Output Current
IOUT
50
mA
Power Dissipation
PD
200
mW
Operating Temperature
Topr
-40
∼ +85
°C
Storage Temperature
Tstg
-40
∼ +125
°C
ELECTRICAL CHARACTERISTICS
(Ta=25
°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Detection Voltage
VDET
-1.0%
−
+1.0%
V
Hysterisis Voltage
VHYS
70
90
130
V
VDET=1.5V
∼ 1.9V Version
−
1.0
1.7
µA
Quiescent Current
ISS
VDD=VDET+1V
VDET=2.0V
∼ 6.0V Version
−
1.3
2.2
µA
VDD=1.2V
0.75
2.0
−
mA
Nch, VDS=0.5V
VDD=2.4V(
≥2.7V Version)
4.0
7.0
−
mA
VDD=4.8V(
≤3.9V Version)
2.0
3.5
−
mA
VDD=6.0V(4.0V
∼5.6V Version) 2.5
4.0
−
mA
Output Current
IOUT
Pch, VDS=0.5V
VDD=8.4V (
≥5.7V Version)
3.0
5.0
−
mA
Detection Voltage
Temperature
Coefficient
∆V
DET/
∆Ta
Ta=0
∼ +85°C
−
±100
−
ppm/
°C
D1=H, D2=H
25
100
300
µS
D1=H, D2=L
42.5
50
57.5
mS
D1=L, D2=H
85
100
115
mS
Delay Time
td
VDD=VDET+1V,
D1=L, D2=L
170
200
230
mS
VD1_H/ VD2_H
1.5
−
VDD
V
Delay Time control
Voltage
VD1_L/ VD2_L
0
−
0.3
V
Operating Voltage
(*note 2)
VDD
RL=100k
Ω
0.8
−
9
V
(*note 2): The minimum Operating Voltage(VOPL) indicates the same value of the output voltage(VOUT) on
condition that VOUTbecomes 10% or less of the input voltage(VDD).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com