Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU7708 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJU7708
Description  VOLTAGE DETECTOR with Delay Function
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7708 Datasheet(HTML) 1 Page - New Japan Radio

  NJU7708 Datasheet HTML 1Page - New Japan Radio NJU7708 Datasheet HTML 2Page - New Japan Radio NJU7708 Datasheet HTML 3Page - New Japan Radio NJU7708 Datasheet HTML 4Page - New Japan Radio NJU7708 Datasheet HTML 5Page - New Japan Radio NJU7708 Datasheet HTML 6Page - New Japan Radio NJU7708 Datasheet HTML 7Page - New Japan Radio NJU7708 Datasheet HTML 8Page - New Japan Radio NJU7708 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
NJU7708/09
-1 -
Ver.2004-03-09
VOLTAGE DETECTOR with Delay Function
GENERAL DESCRIPTION
PACKAGE OUTLINE
The NJU7708/09 is a low quiescent current voltage
detector with delay function featuring high precision
detection voltage.
The detection voltage is fixed internally with an accuracy
of 1.0%.
NJU7708 is Nch. Open Drain and NJU7709 of output
circuit form is a C-MOS output.
FEATURES
High Precision detection Voltage
±1.0%
Low Quiescent Current
1.3
µA
Detection Voltage Range
1.5
∼ 6.0V(0.1V step)
Adjustable Delay Time (D1/D2 2bit control) 0ms/50ms/100ms/200ms
Output Circuit Form
NJU7708: Nch. Open Drain Type
NJU7709: C-MOS Output Type
CMOS Technology
Package Outline
SOT-23-5 (MTP5)
PIN CONFIGURATION
DETECTION VOLTAGERANK LIST
Device Name
VDET
NJU7708/09F15
1.5V
NJU7708/09F27
2.7V
NJU7708/09F42
4.2V
NJU7708/09F06
6.0V
Logical Table of Delay Time
D1
D2
DELAY
H
H
0mS
H
L
50mS
L
H
100mS
L
L
200mS
NJU7708/09F
PIN FUNCTION
1. D1
2. VSS
3. D2
4. VOUT
5. VDD
NJU7708/09F
1 2 3
4
5


Similar Part No. - NJU7708

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJU7708 NISSHINBO-NJU7708 Datasheet
310Kb / 8P
VOLTAGE DETECTOR with Delay Function
20250909
NJU7708F NISSHINBO-NJU7708F Datasheet
310Kb / 8P
VOLTAGE DETECTOR with Delay Function
20250909
NJU7708F06 NISSHINBO-NJU7708F06 Datasheet
310Kb / 8P
VOLTAGE DETECTOR with Delay Function
20250909
NJU7708F15 NISSHINBO-NJU7708F15 Datasheet
310Kb / 8P
VOLTAGE DETECTOR with Delay Function
20250909
NJU7708F27 NISSHINBO-NJU7708F27 Datasheet
310Kb / 8P
VOLTAGE DETECTOR with Delay Function
20250909
More results

Similar Description - NJU7708

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5VD RICOH-RN5VD Datasheet
198Kb / 28P
VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
Agamem Microelectronic ...
AA16 AGAMEM-AA16 Datasheet
205Kb / 12P
Voltage detector with delay
logo
ELM Technology Corporat...
ELM7622LAB-S ELM-TECH-ELM7622LAB-S Datasheet
196Kb / 20P
CMOS Voltage detector with delay function
logo
ELM Electronics
ELM73 ELM-ELM73 Datasheet
1Mb / 16P
CMOS Voltage detector with delay circuit and Manual Reset function
ELM76 ELM-ELM76 Datasheet
1Mb / 16P
CMOS Voltage detector with delay function
logo
ELM Technology Corporat...
ELM76-SERIES ELM-TECH-ELM76-SERIES Datasheet
1Mb / 16P
CMOS Voltage detector with delay function
ELM73 ELM-TECH-ELM73 Datasheet
1Mb / 16P
CMOS Voltage detector with delay circuit and Manual Reset function
ELM76 ELM-TECH-ELM76 Datasheet
1Mb / 16P
CMOS Voltage detector with delay function
logo
ABLIC Inc.
S-1009 ABLIC-S-1009 Datasheet
619Kb / 43P
0.27uA CURRENT CONSUMPTION VOLTAGE DETECTOR WITH DELAY FUNCTION (EXTERNAL DELAY TIME SETTING
Rev.5.1_03
logo
Nisshinbo Micro Devices...
RP300X NISSHINBO-RP300X Datasheet
1Mb / 27P
High Accuracy Voltage Detector with Delay Function (Internal Counter Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com