Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS93705 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS93705
Description  DDR Phase Lock Loop Zero Delay Clock Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS93705 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS93705 Datasheet HTML 1Page - Integrated Circuit Systems ICS93705 Datasheet HTML 2Page - Integrated Circuit Systems ICS93705 Datasheet HTML 3Page - Integrated Circuit Systems ICS93705 Datasheet HTML 4Page - Integrated Circuit Systems ICS93705 Datasheet HTML 5Page - Integrated Circuit Systems ICS93705 Datasheet HTML 6Page - Integrated Circuit Systems ICS93705 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
ICS93705
0418C—08/08 /02
Absolute Maximum Ratings
Supply Voltage (VDD & AVDD) . . . . . . . . . . . -0.5V to 3.6V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . 0°C to +85°C
Storage Temperature . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These
ratings are stress specifications only and functional operation of the device at these or any other conditions above those
listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect product reliability.
Electrical Characteristics - Input / Supply / Common Output Parameters
TA = 0 - 70°C; Supply Voltage VDD = 2.5 V +/-0.2V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Current
IIH
VI = VDD or GND
µA
Input Low Current
IIL
VI = VDD or GND
µA
IDD2.5
CL = 0 pF at 133 MHz
245
300
mA
IDDPD
CL = 0 pF
100
µA
Output High Current
IOH
VDD = 2.3V, VOUT = 1V
-43
-18
mA
Output High Current
IOL
VDD = 2.3V, VOUT = 1.2V
26
43
mA
High Impedance Output
Current
IOZ
VDD = 2.7V, VOUT = VDD or GND
10
µA
Input Clamp Voltage
VIK
Iin = -18 mA;
V
VDD = min to max, IOH = -1mA
2.1
2.42
V
VDD = 2.3V, IOH = -12mA
1.87
V
VOL
VDD = min to max, IOH = 1mA
0.04
0.1
V
VDD = 2.3V, IOH = 12mA
0.35
0.6
V
Input Capacitance
1
CIN
VI = VDD or GND
pF
Output Capacitance
1
COUT
VI = VDD or GND
3
pF
1 Guaranteed by design, not 100% tested in production.
Operating Supply Current
VOH
Low-level Output Voltage
High-level Output Voltage



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com