Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS93705 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS93705
Description  DDR Phase Lock Loop Zero Delay Clock Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS93705 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS93705 Datasheet HTML 1Page - Integrated Circuit Systems ICS93705 Datasheet HTML 2Page - Integrated Circuit Systems ICS93705 Datasheet HTML 3Page - Integrated Circuit Systems ICS93705 Datasheet HTML 4Page - Integrated Circuit Systems ICS93705 Datasheet HTML 5Page - Integrated Circuit Systems ICS93705 Datasheet HTML 6Page - Integrated Circuit Systems ICS93705 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
ICS93705
0418C—08/08 /02
Timing Requirements
TA = 0 - 70C; Supply Voltage AVDD, VDD = 2.5 V +/-0.2V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Clock Frequency
1
freqop
66
170
MHz
Input Clock Duty Cycle
1
dtin
40
60
%
Clock Stabilization
1
tSTAB
from VDD = 2.5V to 1% target frequency
100
µs
1. Guaranteed by design, not 100% tested in production.
Switching Characteristics
TA = 0 - 70C; Supply Voltage VDD = 2.5 V +/-0.2V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
66 MHz
120
100 / 125 / 133 / 167 MHz
75
66 MHz
50
110
100 / 125 / 133 / 167 MHz
35
65
Phase Error
1
tpe
with input clock 0-2.5V 0.8ns rise/fall
-150
50
150
ps
Output to output Skew
1
Tskew
with input clock 0-2.5V 0.8ns rise/fall
40
100
ps
Low-to-high level Propagation
Delay Time, Bypass Mode
1
tPLH
CLK_IN to any output, Load = 120W / 12 pF
4
4.5
6
ns
Pulse Skew
1
Tskewp
100
ps
Duty Cycle (differential)
1,3
DC
no loads, 66 MHz to 167 MHz
49
50
51
%
Rise Time, Fall Time
1
tR, tF
Single-ended 20 - 80 %; Load = 120
Ω / 12 pF
450
550
950
ps
1. Guaranteed by design, not 100% tested in production.
2. Refers to transistion on non-inverting period.
3. While the pulse skew is almost constant over frequency, the duty cycle error increases at higher frequencies.
This is due to the formula: duty cycle = twH / tC, where the cycle time (tC) decreases as the frequency increases.
ps
ps
Absolute Jitter
1
Cycle to cycle Jitter
1,2
tjabs
tc-c
Recommended Operating Condition
TA = 0 - 70°C; Supply Voltage AVDD, VDD = 2.5 V +/- 0.2V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Analog/core supply
voltage
VDD, AVDD
2.3
2.5
2.7
V
VIL
-
VDD/2 - 0.5V
V
VIH
VDD/2 + 0.5V
-
V
Input duty cycle
IDC
40
60
%
Input max jitter
ITCYC
500
ps
Input voltage level



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com