Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5742 Datasheet(PDF) 28 Page - Microchip Technology

Part # USB5742
Description  2-Port SS/HS USB Controller Hub
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5742 Datasheet(HTML) 28 Page - Microchip Technology

Back Button USB5742 Datasheet HTML 24Page - Microchip Technology USB5742 Datasheet HTML 25Page - Microchip Technology USB5742 Datasheet HTML 26Page - Microchip Technology USB5742 Datasheet HTML 27Page - Microchip Technology USB5742 Datasheet HTML 28Page - Microchip Technology USB5742 Datasheet HTML 29Page - Microchip Technology USB5742 Datasheet HTML 30Page - Microchip Technology USB5742 Datasheet HTML 31Page - Microchip Technology USB5742 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
USB5742
DS00002016B-page 28
 2015-2016 Microchip Technology Inc.
8.4.2.3
Port Power Control with Single Poly Fuse and Multiple Loads
Many customers use a single poly fuse to power all their devices. For the ganged situation, all power control pins must
be tied together.
8.4.3
PORT CONTROLLER CONNECTION EXAMPLE
FIGURE 8-6:
PORT POWER CONTROL WITH GANGED CONTROL WITH POLY FUSE
FIGURE 8-7:
USB5742 WITH 2 GENERIC PORT POWER CONTROLLERS (1 BC ENABLED)
Note:
The CFG_BC_EN configuration strap must be properly configured to enable battery charging on the appro-
priate ports. For example, in the application shown in Figure 8-7, CFG_BC_EN must be connected to an
external 200 kΩ pull-up resistor to enable battery charging on Port 1 only. For more information on the
CFG_BC_EN configuration strap, refer to Section 3.4.4, "Battery Charging Configuration (CFG_BC_EN)".
USB
Device
Poly Fuse
5V
Pull-Up Enable
Pull-Up Enable
50k
50k
PRTPWR
OCS
USB
Device
PRT_CTLx
PRT_CTLy
USB5742
Port 1
Connector
Generic Port
Power Controller
POWER
(High Current)
(BC Enabled)
OCS
D+
D
-
VBUS
D+
D-
PRT_CTL1
Port 2
Connector
Generic Port
Power Controller
POWER
OCS
D+
D
-
VBUS
D+
D-
PRT_CTL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com