Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5742 Datasheet(PDF) 1 Page - Microchip Technology

Part # USB5742
Description  2-Port SS/HS USB Controller Hub
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5742 Datasheet(HTML) 1 Page - Microchip Technology

  USB5742 Datasheet HTML 1Page - Microchip Technology USB5742 Datasheet HTML 2Page - Microchip Technology USB5742 Datasheet HTML 3Page - Microchip Technology USB5742 Datasheet HTML 4Page - Microchip Technology USB5742 Datasheet HTML 5Page - Microchip Technology USB5742 Datasheet HTML 6Page - Microchip Technology USB5742 Datasheet HTML 7Page - Microchip Technology USB5742 Datasheet HTML 8Page - Microchip Technology USB5742 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
 2015-2016 Microchip Technology Inc.
DS00002016B-page 1
Highlights
• USB Hub Feature Controller IC with 2 USB 3.1
Gen 1 / USB 2.0 downstream ports
• USB-IF Battery Charger revision 1.2 support on
up & downstream ports (DCP, CDP, SDP)
• USB Link Power Management (LPM) support
• Enhanced OEM configuration options available
through either OTP or SPI ROM
• Available in 56-pin (7 x 7 mm) VQFN lead-free,
RoHS compliant package
• Commercial and industrial grade temperature
support
• Configuration Straps: Predefined configuration of
system level functions
Target Applications
• Standalone USB Hubs
• Laptop Docks
• PC Motherboards
• PC Monitor Docks
• Multi-function USB 3.1 Gen 1 Peripherals
Key Benefits
• USB 3.1 Gen 1 compliant 5 Gbps, 480 Mbps,
12 Mbps and 1.5 Mbps operation
- 5 V tolerant USB 2.0 pins
- 1.32 V tolerant USB 3.1 Gen 1 pins
- Integrated termination & pull-up/pull-down resistors
• Supports per port battery charging of most popu-
lar battery powered devices
- USB-IF Battery Charging rev. 1.2 support
(DCP, CDP, SDP)
-Appleportable product charger emulation
- Chinese YD/T 1591-2006 charger emulation
- Chinese YD/T 1591-2009 charger emulation
- European Union universal mobile charger support
- Support for Microchip USC100x family of battery
charging controllers
- Supports additional portable devices
• Smart port controller operation
- Firmware handling of companion port controllers
• On-chip microcontroller
- Manages I/Os, VBUS, and other signals
• 8 KB RAM, 64 KB ROM
• 8 KB One Time Programmable (OTP) ROM
- Includes on-chip charge pump
• Configuration programming via OTP ROM, SPI
ROM, or SMBus
•PortSwap
- Configurable differential intro-pair signal swapping
•PHYBoost
- Programmable USB transceiver drive strength for
recovering signal integrity
• VariSense
- Programmable USB receiver sensitivity
• Compatible with Microsoft Windows 8, 7, XP,
Apple OS X 10.4+, and Linux hub drivers
• Optimized for low-power operation and
low thermal dissipation
• Package
- 56-pin VQFN (7 x 7 mm)
• Environmental
- 3 kV HBM JESD22-A114F ESD protection
- Commercial temperature range (0°C to +70°C)
- Industrial temperature range (-40°C to +85°C)
USB5742
2-Port SS/HS USB Controller Hub


Similar Part No. - USB5742

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB5742 MICROCHIP-USB5742 Datasheet
776Kb / 48P
2-Port SS/HS USB Controller Hub
03-09-22
USB5742-I/2G MICROCHIP-USB5742-I/2G Datasheet
776Kb / 48P
2-Port SS/HS USB Controller Hub
03-09-22
USB5742/2G MICROCHIP-USB5742/2G Datasheet
776Kb / 48P
2-Port SS/HS USB Controller Hub
03-09-22
USB5742/2GX01 MICROCHIP-USB5742/2GX01 Datasheet
776Kb / 48P
2-Port SS/HS USB Controller Hub
03-09-22
USB5742B MICROCHIP-USB5742B Datasheet
747Kb / 48P
2-Port SS/HS USB Controller Hub
DS00002016H (04-27-22)
More results

Similar Description - USB5742

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB5532B MICROCHIP-USB5532B Datasheet
532Kb / 40P
2-Port SS/HS USB Hub Controller
07/14/15
USB5533B MICROCHIP-USB5533B Datasheet
937Kb / 71P
3-Port SS/HS USB Hub Controller
07/14/15
USB5534B MICROCHIP-USB5534B Datasheet
952Kb / 73P
4-Port SS/HS USB Hub Controller
07/14/15
USB5537B MICROCHIP-USB5537B Datasheet
1Mb / 79P
7-Port SS/HS USB Hub Controller
07/14/15
USB5744 MICROCHIP-USB5744 Datasheet
729Kb / 49P
4-Port SS/HS USB Controller Hub
07/14/15
USB5734 MICROCHIP-USB5734 Datasheet
796Kb / 61P
4-Port SS/HS USB Controller Hub
07/14/15
USB5532B MICROCHIP-USB5532B_15 Datasheet
930Kb / 68P
2-Port SS/HS USB Hub Controller
07/14/15
USB5742 MICROCHIP-USB5742_V01 Datasheet
776Kb / 48P
2-Port SS/HS USB Controller Hub
03-09-22
USB5744 MICROCHIP-USB5744_V01 Datasheet
771Kb / 51P
4-Port SS/HS USB Controller Hub
03-09-22
USB5742B MICROCHIP-USB5742B Datasheet
747Kb / 48P
2-Port SS/HS USB Controller Hub
DS00002016H (04-27-22)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com