Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL138-48OI-R Datasheet(PDF) 16 Page - Microchip Technology

Part # PL138-48OI-R
Description  2.5V to 3.3V, Low-Skew, 1:4 Differential PECL Fanout Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL138-48OI-R Datasheet(HTML) 16 Page - Microchip Technology

Back Button PL138-48OI-R Datasheet HTML 12Page - Microchip Technology PL138-48OI-R Datasheet HTML 13Page - Microchip Technology PL138-48OI-R Datasheet HTML 14Page - Microchip Technology PL138-48OI-R Datasheet HTML 15Page - Microchip Technology PL138-48OI-R Datasheet HTML 16Page - Microchip Technology PL138-48OI-R Datasheet HTML 17Page - Microchip Technology PL138-48OI-R Datasheet HTML 18Page - Microchip Technology PL138-48OI-R Datasheet HTML 19Page - Microchip Technology PL138-48OI-R Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
PL138-48
DS20005543B-page 16
 2016 Microchip Technology Inc.
NOTES:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com