Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL138-48OI-R Datasheet(PDF) 17 Page - Microchip Technology

Part # PL138-48OI-R
Description  2.5V to 3.3V, Low-Skew, 1:4 Differential PECL Fanout Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL138-48OI-R Datasheet(HTML) 17 Page - Microchip Technology

Back Button PL138-48OI-R Datasheet HTML 12Page - Microchip Technology PL138-48OI-R Datasheet HTML 13Page - Microchip Technology PL138-48OI-R Datasheet HTML 14Page - Microchip Technology PL138-48OI-R Datasheet HTML 15Page - Microchip Technology PL138-48OI-R Datasheet HTML 16Page - Microchip Technology PL138-48OI-R Datasheet HTML 17Page - Microchip Technology PL138-48OI-R Datasheet HTML 18Page - Microchip Technology PL138-48OI-R Datasheet HTML 19Page - Microchip Technology PL138-48OI-R Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
 2016 Microchip Technology Inc.
DS20005543B-page 17
PL138-48
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a)
PL138-48OC-R:
2.5V - 3.3V, Low-Skew, 1:4
Differential PECL Fanout Buf-
fer, 20-Pin TSSOP, Commer-
cial Temperature Range,
Tape & Reel
b)
PL138-48QI:
2.5V - 3.3V, Low-Skew, 1:4
Differential PECL Fanout Buf-
fer, 16-Pin QFN, Industrial
Temperature Range, Tube
c)
PL138-48OI-R:
2.5V - 3.3V, Low-Skew, 1:4
Differential PECL Fanout Buf-
fer, 20-Pin TSSOP, Industrial
Temperature Range, Tape &
Reel
d)
PL138-48QC:
2.5V - 3.3V, Low-Skew, 1:4
Differential PECL Fanout Buf-
fer, 16-Pin QFN, Commercial
Temperature Range, Tube
PART NO.
Device
Device:
PL138-48:
2.5V - 3.3V, Low-Skew, 1:4 Differential PECL
Fanout Buffer
Package:
O
=
20-Pin TSSOP
Q
=
16-Pin QFN
Temperature
Range:
C=
0
C to +70C (Commercial)
I
=
–40
C to +85C (Industrial)
Packing Option:
Blank =
Tube
R
=
Tape & Reel
X
Package
X
Temperature
Range
-X
Packing Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com