Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC910 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC910
Description  135MHz, Low-Power SOT-23-5 Op Amp
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC910 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC910 Datasheet HTML 1Page - Micrel Semiconductor MIC910 Datasheet HTML 2Page - Micrel Semiconductor MIC910 Datasheet HTML 3Page - Micrel Semiconductor MIC910 Datasheet HTML 4Page - Micrel Semiconductor MIC910 Datasheet HTML 5Page - Micrel Semiconductor MIC910 Datasheet HTML 6Page - Micrel Semiconductor MIC910 Datasheet HTML 7Page - Micrel Semiconductor MIC910 Datasheet HTML 8Page - Micrel Semiconductor MIC910 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Micrel, Inc.
MIC910
Ordering Information
Part Number
(1)
Marking
Junction Temperature Range
Package
MIC910YM5
A21
–40°C to +85°C
SOT-23-5
Note:
1.
Underbar (
) may not be to scale.
Pin Configuration
SOT-23-5 (M5)
(Top View)
Pin Description
Pin Number
Pin Name
Pin Function
1
OUT
Output: Amplifier output.
2
V+
Positive Supply (Input): Connect a 10µF capacitor in parallel with a 0.1µF capacitor to ground.
3
IN+
Noninverting Input.
4
IN
−
Inverting Input.
5
V
−
Negative Supply (Input): Connect a 10µF capacitor in parallel with a 0.1µF capacitor to ground.
September 19, 2014
2
Revision 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com