Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC910 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC910
Description  135MHz, Low-Power SOT-23-5 Op Amp
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC910 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC910 Datasheet HTML 1Page - Micrel Semiconductor MIC910 Datasheet HTML 2Page - Micrel Semiconductor MIC910 Datasheet HTML 3Page - Micrel Semiconductor MIC910 Datasheet HTML 4Page - Micrel Semiconductor MIC910 Datasheet HTML 5Page - Micrel Semiconductor MIC910 Datasheet HTML 6Page - Micrel Semiconductor MIC910 Datasheet HTML 7Page - Micrel Semiconductor MIC910 Datasheet HTML 8Page - Micrel Semiconductor MIC910 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Micrel, Inc.
MIC910
Absolute Maximum Ratings
(2)
Supply Voltage (VV+ − VV−) ...........................................+20V
Differential Input Voltage (|VIN+ − VIN−|). ........................ 8V
(4)
Input Common-Mode Range (VIN+, VIN−) ...............VV+ to VV−
Lead Temperature (soldering, 5s)............................ +260°C
Storage Temperature (TS)........................................ +150°C
ESD Rating
(5)............................................................... 1.5kV
Operating Ratings
(3)
Supply Voltage (VS)......................................... ±2.5V to ±9V
Junction Temperature (TJ) .......................... –40°C to +85°C
Package Thermal Resistance
SOT-23-5 (
θ
JA) ...............................................+260°C/W
Electrical Characteristics (±5V)
VV+ = +5V; VV− = −5V, VCM = 0V, VOUT = 0V; RL = 10M
Ω; TJ = +25°C, bold values indicate –40°C ≤ TJ ≤ +85°C, unless noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VOS
Input Offset Voltage
1
15
mV
Input Offset Voltage Temperature Coefficient
4
µV/
°C
IB
Input Bias Current
3.5
5.5
µA
9
IOS
Input Offset Current
0.05
3
µA
VCM
Input Common-Mode Range
CMRR
> 60dB
−3.25
+3.25
V
CMRR
Common-Mode Rejection Ratio
−2.5V < V
CM < +2.5V
70
90
dB
60
PSRR
Power Supply Rejection Ratio
±5V
< V
S < ±9V
74
81
dB
70
AVOL
Large-Signal Voltage Gain
RL = 2k
Ω, VOUT = ±2V
60
71
dB
RL = 200
Ω, VOUT = ±2V
60
71
VOUT
Maximum Output Voltage Swing
Positive, RL = 2k
Ω
+3.3
3.5
V
+3.0
Negative, RL = 2k
Ω
−3.5
−3.3
−3.0
Positive, RL = 200
Ω
+3.0
3.2
+2.75
Negative, RL = 200
Ω
−2.8
−2.45
−2.2
GBW
Gain Bandwidth Product
RL = 1k
Ω
125
MHz
BW
−3dB Bandwidth
AV = 1, RL = 100
Ω
192
MHz
SR
Slew Rate
230
V/µs
IGND
Short-Circuit Output Current
Source
72
mA
Sink
25
Supply Current
2.4
3.5
4.1
Notes:
2.
Exceeding the absolute maximum ratings may damage the device.
3.
The device is not guaranteed to function outside its operating ratings.
4.
Exceeding the maximum differential input voltage will damage the input stage and degrade performance as input bias current is likely to increase.
5.
Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5k
Ω in series with 100pF.
September 19, 2014
3
Revision 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com