Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC863 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC863
Description  Duaal Ultra-Low Power Op Amp in SOT-23-8
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC863 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC863 Datasheet HTML 1Page - Micrel Semiconductor MIC863 Datasheet HTML 2Page - Micrel Semiconductor MIC863 Datasheet HTML 3Page - Micrel Semiconductor MIC863 Datasheet HTML 4Page - Micrel Semiconductor MIC863 Datasheet HTML 5Page - Micrel Semiconductor MIC863 Datasheet HTML 6Page - Micrel Semiconductor MIC863 Datasheet HTML 7Page - Micrel Semiconductor MIC863 Datasheet HTML 8Page - Micrel Semiconductor MIC863 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Micrel, Inc.
MIC863
Electrical Characteristics
V+ = +5V, V
− = 0V, V
CM = V+/2; RL = 500k
Ω to V+/2; TA = 25°C, unless otherwise noted. Bold values indicate −40°C ≤ TA ≤ +85°C.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VOS
Input Offset Voltage
−6
0.1
+6
mV
−5
+5
Differential Offset Voltage
0.5
mV
Input Offset Voltage Temperature
Coefficient
6
µV/
°C
IB
Input Bias Current
10
pA
IOS
Input Offset Current
5
pA
VCM
Input Voltage Range
CMRR
> 60dB
3.5
4.1
V
CMRR
Common-Mode Rejection Ratio
0
< V
CM < 3.5V
60
85
dB
PSRR
Power Supply Rejection Ratio
Supply voltage change of
3V to 5V
60
86
dB
AVOL
Large-Signal Voltage Gain
RL = 100k
Ω, VOUT = 4.0VPP
73
81
dB
RL = 500k
Ω, VOUT = 4.0VPP
78
88
VOUT
Maximum Output Voltage Swing
RL = 500k
Ω
V+
− 3mV
V+
− 1.3mV
V
Minimum Output Voltage Swing
RL = 500k
Ω
V
− + 0.7mV
V
− + 3mV
GBW
Gain-Bandwidth Product
RL = 200k
Ω, CL = 2pF, AV = 11
450
kHz
PM
Phase Margin
63
°
BW
−3dB Bandwidth
AV = 1, CL = 2pF, RL = 1M
Ω
800
kHz
SR
Slew Rate
AV = 1, CL = 2pF, RL = 1M
Ω,
Positive Slew Rate = 0.2V/µs
0.35
V/µs
ISC
Short-Circuit Output Current
Source
17
23
mA
Sink
18
27
IS
Supply Current (per Op Amp)
No Load
4.2
8
µA
Channel-to-Channel Crosstalk
Note 6
−120
dB
May 7, 2014
5
Revision 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com