Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC863 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC863
Description  Duaal Ultra-Low Power Op Amp in SOT-23-8
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC863 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC863 Datasheet HTML 1Page - Micrel Semiconductor MIC863 Datasheet HTML 2Page - Micrel Semiconductor MIC863 Datasheet HTML 3Page - Micrel Semiconductor MIC863 Datasheet HTML 4Page - Micrel Semiconductor MIC863 Datasheet HTML 5Page - Micrel Semiconductor MIC863 Datasheet HTML 6Page - Micrel Semiconductor MIC863 Datasheet HTML 7Page - Micrel Semiconductor MIC863 Datasheet HTML 8Page - Micrel Semiconductor MIC863 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Micrel, Inc.
MIC863
Absolute Maximum Ratings
(2)
Supply Voltage (VV+ − VV−) ..........................................+6.0V
Differential Input Voltage (
V
IN+ − VIN
−
(4). .................+6.0V
Input Voltage (VIN+ − VIN−) .................VV+ + 0.3V, VV− − 0.3V
Lead Temperature (soldering, 10s)............................ 260°C
Output Short-Circuit Current Duration....................Indefinite
Storage Temperature (Ts).......................................... 150°C
ESD Rating
(5)................................................. ESD Sensitive
Operating Ratings
(3)
Supply Voltage (VV+ − VV−) ......................... +2.0V to +5.25V
Ambient Temperature (TA) .......................... –40°C to +85°C
Package Thermal Resistance
θ
JA (Using 4-Layer PCB) .................................. 100°C/W
θ
CA (Using 4-Layer PCB) ................................... 70°C/W
Electrical Characteristics
V+ = +2V, V
− = 0V, V
CM = V+/2; RL = 500k
Ω to V+/2; TA = 25°C, unless otherwise noted. Bold values indicate −40°C ≤ TA ≤ +85°C.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VOS
Input Offset Voltage
−6
0.1
+6
mV
−5
+5
Differential Offset Voltage
0.5
mV
Input Offset Voltage Temperature
Coefficient
6
µV/
°C
IB
Input Bias Current
10
pA
IOS
Input Offset Current
5
pA
VCM
Input Voltage Range
CMRR
> 50dB
0.5
1
V
CMRR
Common-Mode Rejection Ratio
0
< V
CM < 1V
45
75
dB
PSRR
Power Supply Rejection Ratio
Supply voltage change of
2V to 2.7V
50
85
dB
AVOL
Large-Signal Voltage Gain
RL = 100k
Ω, VOUT = 1.4VPP
66
81
dB
RL = 500k
Ω, VOUT = 1.4VPP
73
90
VOUT
Maximum Output Voltage Swing
RL = 500k
Ω
V+
− 3mV
V+
− 1.4mV
V
Minimum Output Voltage Swing
RL = 500k
Ω
V
− + 0.5mV
V
− + 3mV
GBW
Gain-Bandwidth Product
RL = 200k
Ω, CL = 2pF, AV = 11
320
kHz
PM
Phase Margin
RL = 200k
Ω, CL = 2pF, AV = 11
69
°
BW
−3dB Bandwidth
AV = 1, CL = 2pF, RL = 1M
Ω
600
kHz
SR
Slew Rate
AV = 1, CL = 2pF, RL = 1M
Ω,
Positive Slew Rate = 0.17V/µs
0.33
V/µs
ISC
Short-Circuit Output Current
Source
1.8
2.6
mA
Sink
1.5
2.2
IS
Supply Current (per Op Amp)
No Load
3.5
7
µA
Channel-to-Channel Crosstalk
Note 6
−100
dB
Notes:
2.
Exceeding the absolute maximum ratings may damage the device.
3.
The device is not guaranteed to function outside its operating ratings.
4.
Exceeding the maximum differential input voltage will damage the input stage and degrade performance (in particular, input bias current is likely to
increase).
5.
Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5k
Ω in series with 100pF.
6.
DC signal referenced to input. Refer to the Typical Characteristics section for “AC Performance Characteristics”.
May 7, 2014
3
Revision 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com