Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC862TYM8 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC862TYM8
Description  Dual Ultra-Low-Power Op Amp in SOT23-8
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC862TYM8 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC862TYM8 Datasheet HTML 1Page - Micrel Semiconductor MIC862TYM8 Datasheet HTML 2Page - Micrel Semiconductor MIC862TYM8 Datasheet HTML 3Page - Micrel Semiconductor MIC862TYM8 Datasheet HTML 4Page - Micrel Semiconductor MIC862TYM8 Datasheet HTML 5Page - Micrel Semiconductor MIC862TYM8 Datasheet HTML 6Page - Micrel Semiconductor MIC862TYM8 Datasheet HTML 7Page - Micrel Semiconductor MIC862TYM8 Datasheet HTML 8Page - Micrel Semiconductor MIC862TYM8 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Micrel, Inc.
MIC862
July 29, 2014
5
Revision 3.0
Electrical Characteristics
(5) (Continued)
V+ = +5V, V- = 0V, VCM = V+/2; RL = 500kΩ to V+/2; TA = 25°C, bold values indicate –40°C ≤ TA ≤ +85°C, unless noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VOS
Input Offset Voltage
-6
0.1
6
mV
-5
0.1
5
mV
Differential Offset Voltage
0.5
mV
Input Offset Voltage
Temperature Coefficient
6
µV/°C
IB
Input Bias Current
10
pA
IOS
Input Offset Current
5
pA
VCM
Input Voltage Range (from V-)
CMRR > 60dB
3.5
4.1
V
CMRR
Common-Mode Rejection Ratio
0 < VCM < 3.5V
60
87
dB
PSRR
Power Supply Rejection Ratio
Supply voltage change of 3V to 5V
60
92
dB
AVOL
Large-Signal Voltage Gain
RL = 5kΩ, VOUT = 4.8VPP
65
73
dB
RL = 100kΩ, VOUT = 4.8VPP
80
86
dB
RL = 500kΩ, VOUT = 4.8VPP
89
96
dB
VOUT
Maximum Output Voltage Swing
RL = 5kΩ
V+ -50mV
V+ -37mV
V
RL = 500kΩ
V+ -3mV
V+ -1.3mV
V
VOUT
Minimum Output Voltage Swing
RL = 5kΩ
V- +24mV
V- +40mV
V
RL = 500kΩ
V- +0.7mV
V- +3mV
V
GBW
Gain-Bandwidth Product
RL = 20kΩ, CL = 2pF, AV = 11
3
MHz
PM
Phase Margin
45
°
BW
–3dB Bandwidth
RL = 1MΩ, CL = 2pF, AV = 1
5
MHz
SR
Slew Rate
RL = 1MΩ, CL = 2pF, AV = 1
Positive Slew Rate = 1.5V/µs
4
V/µs
ISC
Short-Circuit Ouptut Current
Source
17
23
mA
Sink
18
27
mA
IS
Supply Current (per Op Amp)
No Load
31
47
µA
Channel-to-Channel Crosstalk
Note 6
-120
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com