Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC862TYM8 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC862TYM8
Description  Dual Ultra-Low-Power Op Amp in SOT23-8
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC862TYM8 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC862TYM8 Datasheet HTML 1Page - Micrel Semiconductor MIC862TYM8 Datasheet HTML 2Page - Micrel Semiconductor MIC862TYM8 Datasheet HTML 3Page - Micrel Semiconductor MIC862TYM8 Datasheet HTML 4Page - Micrel Semiconductor MIC862TYM8 Datasheet HTML 5Page - Micrel Semiconductor MIC862TYM8 Datasheet HTML 6Page - Micrel Semiconductor MIC862TYM8 Datasheet HTML 7Page - Micrel Semiconductor MIC862TYM8 Datasheet HTML 8Page - Micrel Semiconductor MIC862TYM8 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MIC862
Dual Ultra-Low-Power Op Amp in SOT23-8
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
July 29, 2014
Revision 3.0
General Description
The MIC862 is a dual low-power operational amplifier in an
SOT23-8 package. It is designed to operate in the 2V to
5V range, rail-to-rail output, with input common-mode to
ground. The MIC862 provides 3MHz gain-bandwidth
product while consuming only a 31μA/channel supply
current.
With low supply voltage and SOT23-8 packaging, MIC862
provides two channels as general-purpose amplifiers for
portable and battery-powered applications. Its package
provides
the
maximum
performance
available
while
maintaining an extremely slim form factor. The minimal
power consumption of this IC maximizes the battery life
potential.
Datasheets and support documentation are available on
Micrel’s website at: www.micrel.com.
Features
 SOT23-8 package
 3MHz gain-bandwidth product
 5MHz, –3dB bandwidth
 31µA supply current
 Rail-to-rail output
 Ground sensing at input (common mode to GND)
 Drive large capacitive loads
 Unity gain stable
Applications
 Portable equipment
 Medical instruments
 PDAs
 Pagers
 Cordless phones
 Consumer electronics
Typical Application
Peak Detector Circuit for AM Radio


Similar Part No. - MIC862TYM8

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC862 MICREL-MIC862 Datasheet
322Kb / 12P
DUAL ULTRA LOW POWER OP AMP IN SOT 23-8
logo
Microchip Technology
MIC862 MICROCHIP-MIC862 Datasheet
968Kb / 24P
Dual Ultra-Low Power Op Amp in SOT-23-8
11/07/16
logo
Micrel Semiconductor
MIC862BM8 MICREL-MIC862BM8 Datasheet
322Kb / 12P
DUAL ULTRA LOW POWER OP AMP IN SOT 23-8
MIC862BM8 MICREL-MIC862BM8 Datasheet
2Mb / 12P
Dual Ultra Low Power Op Amp in SOT23-8
MIC862YM8 MICREL-MIC862YM8 Datasheet
322Kb / 12P
DUAL ULTRA LOW POWER OP AMP IN SOT 23-8
More results

Similar Description - MIC862TYM8

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC862 MICREL-MIC862 Datasheet
322Kb / 12P
DUAL ULTRA LOW POWER OP AMP IN SOT 23-8
MIC863 MICREL-MIC863 Datasheet
1Mb / 16P
Dual Ultra Low Power Op Amp in SOT23-8
MIC862 MICREL-MIC862_06 Datasheet
2Mb / 12P
Dual Ultra Low Power Op Amp in SOT23-8
MIC911 MICREL-MIC911_07 Datasheet
561Kb / 13P
105MHz Low-Power SOT23-5 Op Amp
MIC912 MICREL-MIC912_07 Datasheet
1Mb / 12P
200MHz Low-Power SOT23-5 Op Amp
MIC914 MICREL-MIC914_07 Datasheet
463Kb / 13P
160MHz Low-Power SOT23-5 Op Amp
MIC863 MICREL-MIC863_11 Datasheet
1Mb / 16P
Dual Ultra Low Power Op Amp in SOT23-8
MIC863 MICREL-MIC863_14 Datasheet
2Mb / 17P
Duaal Ultra-Low Power Op Amp in SOT-23-8
logo
Microchip Technology
MIC862 MICROCHIP-MIC862 Datasheet
968Kb / 24P
Dual Ultra-Low Power Op Amp in SOT-23-8
11/07/16
MIC863 MICROCHIP-MIC863 Datasheet
3Mb / 26P
Dual Ultra-Low Power Op Amp in SOT-23-8
05/14/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com